データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


H27UCG8T2BTR-BC データシート(Datasheet) 6 Page - Hynix Semiconductor

部品番号. H27UCG8T2BTR-BC
部品情報  64Gb(8192M x 8bit) MLC NAND Flash
ダウンロード  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/ko/index.jsp
Logo 

 6 page
background image
H27UCG8T2BTR-BC
64Gb(8192M x 8bit) MLC NAND Flash
Rev 0.1 / Oct. 2012
6
Table 1 : List of supported versions / packages
PART NUMBER
ORGANIZATION
OPERATING RANGE
PACKAGE
H27UCG8T2BTR-BC
X8
2.7 to 3.6V
TSOP-48/SDP
1. Summary Description
The product part No. H27UCG8T2BTR-BC is a single 3.3V 64Gbit NAND flash memory. The Device contains 2
planes in a single die. Each plane is made up of the 1066 blocks. Each block consists of 256 programmable pages.
Each page contains 17,664 bytes. The pages are subdivided into an 16,384 byte main data storage area with a
spare 1,280 byte district.
Page program operation can be performed in typical 1500us, and a single block can be erased in typical 5ms.
1.1. Product List




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56