データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TM1628 データシート(PDF) 3 Page - Shenzhen Titan Micro Electronics Co., Ltd.

部品番号 TM1628
部品情報  CMOS Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
ホームページ  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1628 データシート(HTML) 3 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM1628 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
深圳市天微电子有限公司
S
S
S
SH
H
H
HE
E
E
EN
N
N
NZH
ZH
ZH
ZHE
E
E
EN
N
N
N TI
TI
TI
TIT
T
T
TA
A
A
AN
N
N
N M
M
M
M IIIIC
C
C
CR
R
R
RO
O
O
O E
E
E
EL
L
L
LE
E
E
EC
C
C
CT
T
T
TR
R
R
RO
O
O
ON
N
N
NIIII C
C
C
CS
S
S
S C
C
C
CO
O
O
O.... ,,,,L
L
L
LT
T
T
TD
D
D
D....
FUNC
FUNC
FUNC
FUNCT
T
T
TIONAL
IONAL
IONAL
IONAL DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
COM
COM
COM
COMM
M
M
MANDS
ANDS
ANDS
ANDS
A command is the first byte (b0 to b7) inputted to TM1628 via the DIN
Pin after STB Pin has changed from HIGH to LOW State. If for some reason
the STB Pin is set to HIGH while data or commands are being transmitted,
the serial communication is initialized, and the data/commands being
transmitted are considered invalid.
Command
Command
Command
Command 1:
1:
1:
1: Display
Display
Display
Display Mode
Mode
Mode
Mode Setting
Setting
Setting
Setting Commands
Commands
Commands
Commands
TM1628 provides 2 display mode settings as shown in the diagram
below: As stated earlier a command is the first one byte (b0 to b7)
transmitted to TM1628 via the DIN Pin when STB is LOW. However, for
these commands, the bit 3 to bit 6 (b2 to b5) are ignored, bit 7 & bit 8 (b6 to
b7) are given a value of 0.
The Display Mode Setting Commands determine the number of
segments and grids to be used (12 to 11 segments, 6 to 7 grids). A display
command ON must be executed in order to resume display. If the same
mode setting is selected, no command execution is take place, therefore,
nothing happens. When Power is turned ON, the 7-grid , 11-segment modes
is selected.
MSB
LSB
Display Mode Settings
10 : 6 Grids, 12 Segments
11 : 7 Grids, 11 Segments
Com
Com
Com
Comm
m
m
mand
and
and
and 2:
2:
2:
2: Data
Data
Data
Data Sett
Sett
Sett
Settin
in
in
ing
g
g
g Com
Com
Com
Comm
m
m
man
an
an
and
d
d
ds
s
s
s
The Data Setting Commands executes the Data Write or Data Read
Modes for TM1628. The data Setting Command, the bits 5 and 6 (b4, b5) are
ignored, bit 7 (b6) is given the value of 1 while bit 8 (b7) is given the value
of 0. Please refer to the diagram below.
When power is turned ON, bit 4 to bit 1 (b3 to b0) are given the value
of 0.
Add:522,5/F,Bldg. No.4,Keji Central Road 2, Software Park,High-Tech Industrial Park,Shenzhen
Tel:86-755-86185092
Web: www.titanmec.com
Fax: 86-755-86185093
3
0
0
-
-
-
-
b1
b0
No Relevant


同様の部品番号 - TM1628

メーカー部品番号データシート部品情報
logo
Shenzhen Tianwei Electr...
TM1628A TITANMEC-TM1628A Datasheet
692Kb / 18P
   LED drive control dedicated circuit
More results

同様の説明 - TM1628

メーカー部品番号データシート部品情報
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
HB Electronic Component...
5XRGB-F2-F HB-5XRGB-F2-F Datasheet
159Kb / 3P
   CMOS Technology
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
   CMOS Technology
logo
Fujitsu Component Limit...
CE71 FUJITSU-CE71 Datasheet
56Kb / 4P
   0.25um CMOS Technology
CE66 FUJITSU-CE66 Datasheet
29Kb / 2P
   0.35um CMOS Technology
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
   65nm CMOS Technology
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
   High Voltage CMOS Technology
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C273 MDTIC-MDT75C273 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
logo
Texas Instruments
TMS320C242 TI1-TMS320C242_09 Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com