データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K-LC6 データシート(PDF) 6 Page - RFbeam Microwave GmbH

部品番号 K-LC6
部品情報  RADAR TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFBEAM [RFbeam Microwave GmbH]
ホームページ  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC6 データシート(HTML) 6 Page - RFbeam Microwave GmbH

  K-LC6 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 4Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 5Page - RFbeam Microwave GmbH K-LC6 Datasheet HTML 6Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
K-LC6 RADAR TRANSCEIVER
Datasheet
Sensitivity and Maximum Range
The values indicated here are intended to give you a 'feeling' of the attainable detection range with this
module. It is not possible to define an exact RCS (radar cross section) value of real objects because
reflectivity depends on many parameters. The RCS variations however influence the maximum range
only by 4
σ .
Maximum range for Doppler movement depends mainly on:
- Module sensitivity
S:
-126dBc (@1kHz IF Bandwidth)
- Carrier frequency
f0:
24.125GHz
- Radar cross section RCS ("reflectivity") of the object
σ1):
1m2 approx. for a moving person
>50m2 for a moving car
note 1) RCS indications are very inaccurate and may vary by factors of 10 and more.
The famous "Radar Equation" may be reduced for our K-band module to the following relation:
4
40
10
0167
.
0
σ
=
− s
r
Using this formula, you get an indicative detection range of
- > 24 meters for a moving person
- > 62 meters for a moving car
Please note, that range values also highly depend on the performance of signal processing,
environment conditions (i.e. rain, fog), housing of the module and other factors.
With K-LC6, you can achieve a maximum range of more than 100m when using high resolution AD-
converters and selective FFT algorithms.
Datasheet Revision History
Version
Date
Changes
1.0
19-April-2012
initial release
1.1
25-April-2012
Corrected values in chapter Using VCO and IF Amplifier
© RFbeam Microwave GmbH www.rfbeam.ch
2012-04-25
Page 6/6
RFbeam does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
RFbeam reserves the right at any time without notice to change said circuitry and specifications.


同様の部品番号 - K-LC6

メーカー部品番号データシート部品情報
logo
RFbeam Microwave GmbH
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
   RADAR TRANSCEIVER
K-LC1a RFBEAM-K-LC1a Datasheet
653Kb / 2P
   Radar Evaluation Kit
K-LC1A_V2 RFBEAM-K-LC1A_V2 Datasheet
444Kb / 6P
   RADAR TRANSCEIVER
K-LC1A_V4 RFBEAM-K-LC1A_V4 Datasheet
440Kb / 5P
   DOPPLER TRANSCEIVER
K-LC1A_V4 RFBEAM-K-LC1A_V4 Datasheet
444Kb / 6P
   RADAR TRANSCEIVER
More results

同様の説明 - K-LC6

メーカー部品番号データシート部品情報
logo
RFbeam Microwave GmbH
K-HC1 RFBEAM-K-HC1 Datasheet
997Kb / 8P
   RADAR TRANSCEIVER
K-LC4 RFBEAM-K-LC4 Datasheet
385Kb / 4P
   radar transceiver
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
   RADAR TRANSCEIVER
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
   RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
   RADAR TRANSCEIVER
K-LC3_V2 RFBEAM-K-LC3_V2 Datasheet
440Kb / 4P
   RADAR TRANSCEIVER
K-LD2 RFBEAM-K-LD2 Datasheet
1Mb / 20P
   radar transceiver
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
   radar transceiver
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
   RADAR TRANSCEIVER
K-LC3 RFBEAM-K-LC3 Datasheet
440Kb / 4P
   RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com