データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K-MC4 データシート(PDF) 11 Page - RFbeam Microwave GmbH

部品番号 K-MC4
部品情報  MONOPULSE RADAR TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFBEAM [RFbeam Microwave GmbH]
ホームページ  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MC4 データシート(HTML) 11 Page - RFbeam Microwave GmbH

Back Button K-MC4 Datasheet HTML 3Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 4Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 5Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 6Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 8Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 9Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 10Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 11Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
K-MC4 MONOPULSE RADAR TRANSCEIVER
Datasheet
Datasheet Revision History
Version
Date
Changes
1.0
2010-10-29
initial release
1.1
2011-04-18
Corrected chapter Sensitivity and Maximum Range to S = -134dBc
1.2
2011-05-10
Changed the drawing of the case
1.3
2011-05-26
Case dimensions corrected on page 1, features
2.0
2011-11-15
Chapter Using VCO and IF Outputs adapted to new Hardware starting
with Lot# L1120
2.1
2012-01-17
Gain corrected to 20dB in block diagram
2.2
2015-09-23
Typing Error VCO 12V corrected to 10V in chapter Pin Configuration
2.3
2018-11-02
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 11/11
RFbeam does not assume any responsibility for µse of any circuitry, method or characteristic described, no circuit patent
licenses are implied and RFbeam reserves the right at any time without notice to change said circuitry and specifications.


同様の部品番号 - K-MC4

メーカー部品番号データシート部品情報
logo
RFbeam Microwave GmbH
K-MC1 RFBEAM-K-MC1 Datasheet
2Mb / 8P
   RADAR TRANSCEIVER
K-MC1 RFBEAM-K-MC1 Datasheet
653Kb / 2P
   Radar Evaluation Kit
K-MC1_LP RFBEAM-K-MC1_LP Datasheet
1Mb / 5P
   RADAR TRANSCEIVER
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
   RADAR TRANSCEIVER
More results

同様の説明 - K-MC4

メーカー部品番号データシート部品情報
logo
RFbeam Microwave GmbH
K-HC1 RFBEAM-K-HC1 Datasheet
997Kb / 8P
   RADAR TRANSCEIVER
K-LC4 RFBEAM-K-LC4 Datasheet
385Kb / 4P
   radar transceiver
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
   RADAR TRANSCEIVER
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
   RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
   RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
   RADAR TRANSCEIVER
K-LC3_V2 RFBEAM-K-LC3_V2 Datasheet
440Kb / 4P
   RADAR TRANSCEIVER
K-LD2 RFBEAM-K-LD2 Datasheet
1Mb / 20P
   radar transceiver
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
   radar transceiver
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
   RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com