データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMM5081V1B データシート(PDF) 15 Page - Eudyna Devices Inc

部品番号 EMM5081V1B
部品情報  Ku-Band Power Amplifier MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EUDYNA [Eudyna Devices Inc]
ホームページ  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

EMM5081V1B データシート(HTML) 15 Page - Eudyna Devices Inc

Back Button EMM5081V1B Datasheet HTML 8Page - Eudyna Devices Inc EMM5081V1B Datasheet HTML 9Page - Eudyna Devices Inc EMM5081V1B Datasheet HTML 10Page - Eudyna Devices Inc EMM5081V1B Datasheet HTML 11Page - Eudyna Devices Inc EMM5081V1B Datasheet HTML 12Page - Eudyna Devices Inc EMM5081V1B Datasheet HTML 13Page - Eudyna Devices Inc EMM5081V1B Datasheet HTML 14Page - Eudyna Devices Inc EMM5081V1B Datasheet HTML 15Page - Eudyna Devices Inc EMM5081V1B Datasheet HTML 16Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Edition 2.0
October, 2008
http://www.eudyna.com/
Ku-Band Power Amplifier MMIC
EMM5081V1B
Mounting Method of SMD (Surface Mount Devices) for Lead
Mounting Method of SMD (Surface Mount Devices) for Lead--free Solder
free Solder
Mounting Condition
1. For soldering, Lead-free solder (Sn-3.0Ag-0.5Cu)*1 or equivalent shall be used.
(*1:The figure displays with weight %. A predominantly tin-rich alloy with 3.0% silver and 0.5% copper.)
2. A rosin type flux with a chlorine content of 0.2% or less shall be used. The rosin flux with low halogen
content is recommended.
3. When soldering, use one of the following time/ temperature methods for acceptable solder joints.
Make sure the devices have been properly prepared with flux prior soldering.
* Reflow soldering method (Infrared reflow / Heat circulation reflow / Hot plate reflow):
Limit solder to 3 reflow cycles because resin is used in the modules manufacturing process.
Excessive reflow cycles will effect the resin resulting in a potential failure or latent defect.
The recommended reflow temperature profile is shown below. The temperature of the reflow
profile must be measured at the device lead.
Reflow temperature profile and condition:
(1) Average Ramp-up Rate:
3deg-C/seconds
(2) Preheating:
150 - 200deg-C,
60 - 180seconds
(3) Main heating:
220deg-C,
60seconds max.
(4) Peak Temperature:
260deg-C max., more than 250deg-C, 10 seconds max.
* Measurement point: Device lead.
4. The above-recommended conditions were confirmed using the manufacture’s equipment and materials.
However, when soldering these products, the soldering condition should be verified by customer using
their equipment and materials.
200
220
(4)
(1)
260
250
RT
(2)
(3)
150
Time


同様の部品番号 - EMM5081V1B

メーカー部品番号データシート部品情報
logo
Eudyna Devices Inc
EMM5068VU EUDYNA-EMM5068VU Datasheet
222Kb / 16P
   X-Band Power Amplifier MMIC
More results

同様の説明 - EMM5081V1B

メーカー部品番号データシート部品情報
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
FMM5059VF EUDYNA-FMM5059VF Datasheet
202Kb / 16P
   Ku Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1437 ASB-ASX1437 Datasheet
551Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
EMM5834X EUDYNA-EMM5834X Datasheet
318Kb / 14P
   Ku / K-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com