データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ME15N10-G データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 ME15N10-G
部品情報  Super high density cell design for extremely low RDS(ON)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ME15N10-G データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  ME15N10-G Datasheet HTML 1Page - List of Unclassifed Manufacturers ME15N10-G Datasheet HTML 2Page - List of Unclassifed Manufacturers ME15N10-G Datasheet HTML 3Page - List of Unclassifed Manufacturers ME15N10-G Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
N-Channel 100-V (D-S) MOSFET
ME15N10/ME15N10-G
02
Dec,2009-Ver1.0
Symbol
Parameter
Limit
Min
Typ
Max
Unit
STATIC
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
100
V
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250μA
1
3
V
IGSS
Gate Leakage Current
VDS=0V, VGS=±20V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=80V, VGS=0V
1
μ
A
RDS(ON)
Drain-Source On-Resistance
a
VGS=10V, ID= 8A
80
100
VSD
Diode Forward Voltage
IS=8A, VGS=0V
0.9
1.2
V
DYNAMIC
Qg
Total Gate Charge
VDS=80V, VGS=10V, ID=10A
24
Qg
Total Gate Charge
13
Qgs
Gate-Source Charge
4.6
Qgd
Gate-Drain Charge
VDS=80V, VGS=4.5V, ID=10A
7.6
nC
Ciss
Input Capacitance
890
Coss
Output Capacitance
58
Crss
Reverse Transfer Capacitance
VDS=15V, VGS=0V,
f=1MHz
23
pF
Rg
Gate-Resistance
VDS=0V, VGS=0V, f=1MHz
0.9
Ω
td(on)
Turn-On Delay Time
14
tr
Turn-On Rise Time
33
td(off)
Turn-Off Delay Time
39
tf
Turn-Off Fall Time
VDS=50V, RL =5Ω,
VGEN=10V, RG=1Ω
5
ns
Notes: a. Pulse test: pulse width≦ 300us, duty cycle≦ 2%,Guaranteed by design, not subject to production testing.
b. Matsuki reserves the right to improve product design, functions and reliability without notice.
Electrical Characteristics
(TA =25℃ Unless Otherwise Specified)


同様の部品番号 - ME15N10-G

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ME15N10-G ETC2-ME15N10-G Datasheet
1,000Kb / 4P
   N-Channel 100-V (D-S) MOSFET
More results

同様の説明 - ME15N10-G

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS2306 AMS-AMS2306 Datasheet
762Kb / 6P
   Super high density cell design for extremely low RDS(ON)
AMS2319 AMS-AMS2319 Datasheet
343Kb / 8P
   Super high density cell design for extremely low RDS(ON)
AMS3400SRG AMS-AMS3400SRG Datasheet
671Kb / 6P
   Super high density cell design for extremely low RDS(ON)
AMS8205A AMS-AMS8205A Datasheet
780Kb / 7P
   Super high density cell design for extremely low RDS(ON)
AMS2305 AMS-AMS2305 Datasheet
318Kb / 6P
   Super high density cell design for extremely low RDS(ON)
logo
SUNMATE electronic Co.,...
ME2303 SUNMATE-ME2303 Datasheet
1Mb / 5P
   Super high density cell design for extremely low RDS(ON)
logo
First Silicon Co., Ltd
FTK4614 FS-FTK4614 Datasheet
477Kb / 5P
   Super High Density Cell Design for Extremely Low RDS(ON)
logo
Advanced Monolithic Sys...
AMS2304 AMS-AMS2304 Datasheet
683Kb / 6P
   Super high density cell design for extremely low RDS(ON)
AMS3401M23RG AMS-AMS3401M23RG Datasheet
306Kb / 6P
   Super high density cell design for Extremely low RDS(ON)
AMS3402 AMS-AMS3402 Datasheet
736Kb / 6P
   Super high density cell design for extremely low RDS(ON)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com