データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NJM2712 データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 NJM2712
部品情報  ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

NJM2712 データシート(HTML) 6 Page - List of Unclassifed Manufacturers

  NJM2712 Datasheet HTML 1Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 2Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NJM2712
- 6 -
Pulse Responce
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
0.00.0
0.10.1
0.10.1
0.10.2
0.2
Time [10ns/div]
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
V
+/V-=±2.5V,f=5MHz,V
O=2VPP,GV=6dB,RT=50Ω,
RF=1kΩ,CF=5pF,RG=1kΩ,RL=2kΩ,CL=10pF,Ta=+25℃
Pulse Response (with capacitive load)
-2.0
-1.0
0.0
1.0
2.0
0.0
0.1
0.1
0.1
0.1
0.1
0.2
0.2
0.2
Time [10ns/div]
V+/V-=±2.5V,f=5MHz,VO=2VPP,GV=6dB,
RT=50Ω,RF=1kΩ,CF=5pF,RG=1kΩ,Ta=+25℃
CL=open
CL=10pF
CL=100pF
Voltage Gain vs. Frequency
-40
-30
-20
-10
0
10
20
30
40
50
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
-180
-135
-90
-45
0
45
90
135
180
225
100k
1M
10M
100M
1G
V
+/V-=±2.5V,V
IN=0.02Vpp,GV=40dB,RT=50Ω,
RF=1.98kΩ,RG=20Ω,CF=5pF,RL=2kΩ,CL=10pF,Ta=+25℃
Phase
Gain
Voltege Gain vs. Frequency (with Capacitive Load)
-40
-30
-20
-10
0
10
20
30
40
50
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
-180
-135
-90
-45
0
45
90
135
180
225
100k
1M
10M
100M
1G
V
+/V-=±2.5V,V
IN=0.02Vpp,GV=40dB,RT=50Ω,
RF=1.98kΩ,RG=20Ω,CF=5pF,RL=2kΩ,Ta=+25℃
Phase
Gain
CL=100pF
CL=10pF
CL=open
Pulse Response (correlation with RL)
-2.0
-1.0
0.0
1.0
2.0
0.0
0.1
0.1
0.1
0.1
0.1
0.2
0.2
0.2
Time [10ns/div]
V
+/V-=±2.5V,f=5MHz,V
O=2VPP,GV=6dB,RT=50Ω,
RF=1kΩ,CF=5pF,RG=1kΩ,CL=10pF,Ta=+25℃
RL=open
RL=1kΩ
RL=2kΩ
Pulse Response (correlation with Ta)
-2.0
-1.0
0.0
1.0
2.0
0.0
0.1
0.1
0.1
0.1
0.1
0.2
0.2
0.2
Time [10ns/div]
V
+/V-=±2.5V,f=5MHz,V
O=2VPP,GV=6dB,RT=50Ω,
RF=1kΩ,CF=5pF,RG=1kΩ,CL=10pF,Ta=+25℃
Ta=-40℃
Ta=+85℃
Ta=+25℃


同様の部品番号 - NJM2712

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM2712 NJRC-NJM2712 Datasheet
308Kb / 8P
   ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2712M NJRC-NJM2712M Datasheet
308Kb / 8P
   ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2712RB1 NJRC-NJM2712RB1 Datasheet
308Kb / 8P
   ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER
More results

同様の説明 - NJM2712

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM2710 NJRC-NJM2710 Datasheet
232Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2726 NJRC-NJM2726 Datasheet
92Kb / 3P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2711 NJRC-NJM2711 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2712 NJRC-NJM2712 Datasheet
308Kb / 8P
   ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1191 LINER-LT1191 Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
LT1190 LINER-LT1190 Datasheet
778Kb / 11P
   Ultra High Speed Operational Amplifier
LT1192 LINER-LT1192 Datasheet
959Kb / 12P
   Ultra High Speed Operational Amplifier???
logo
New Japan Radio
NJM2720 NJRC-NJM2720 Datasheet
196Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722 NJRC-NJM2722 Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2721 NJRC-NJM2721 Datasheet
175Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com