データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD6N50C データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FQD6N50C
部品情報  These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary planar stripe, DMOS technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD6N50C データシート(HTML) 4 Page - Fairchild Semiconductor

  FQD6N50C Datasheet HTML 1Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 2Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 3Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 4Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 5Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 6Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 7Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 8Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev. B, June 2004
©2004 Fairchild Semiconductor Corporation
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
t1
PDM
t2
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 µA
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 2.25 A
T
J, Junction Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
1 . Z
θ JC (t) = 2 . 0 5
/W M a x .
2 . D uty Fa c to r, D = t
1/t 2
3 . T
JM - T C = P DM * Z θ JC (t)
sin g le p u lse
D= 0 .5
0.02
0.2
0.0 5
0.1
0.01
t
1, S quare W a v e P u l s e D u ra tion [s ec ]
25
50
75
100
125
150
0
1
2
3
4
5
T
C, Case Temperature [
]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100 ms
1 ms
DC
10 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]


同様の部品番号 - FQD6N50C

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
FQD6N50C ISC-FQD6N50C Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Fairchild Semiconductor
FQD6N50CTM FAIRCHILD-FQD6N50CTM Datasheet
547Kb / 8P
   N-Channel QFET MOSFET 500 V, 4.5 A, 1.2
FQD6N50C FAIRCHILD-FQD6N50C_08 Datasheet
762Kb / 9P
   500V N-Channel MOSFET
More results

同様の説明 - FQD6N50C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDPF10N60NZ FAIRCHILD-FDPF10N60NZ Datasheet
439Kb / 10P
   These N-Channel enhancement mode power field effect transistors are produced using Fairchild?셲 proprietary, planar stripe, DMOS technology.
logo
Shanghai Leiditech Elec...
LM6911 LEIDITECH-LM6911 Datasheet
1Mb / 5P
   These P-Channel enhancement mode power field effect transistors are using trench DMOS technology
logo
SHIKUES Electronics
SDW3045 SKTECHNOLGY-SDW3045 Datasheet
1,003Kb / 5P
   N-Channel enhancement mode power field effect transistors are using trench DMOS technology
SDW2065 SKTECHNOLGY-SDW2065 Datasheet
963Kb / 5P
   These dual N Channel enhancement mode power fieldeffect transistors are using trench DMOS technology.
logo
Stanson Technology
STN4488L STANSON-STN4488L Datasheet
644Kb / 7P
   STN4488L is the N-Channel logic enhancement mode power field effect transistors which are produced using high cell density DMOS trench technology.
STP9434 STANSON-STP9434 Datasheet
314Kb / 6P
   STP9434 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP4403 STANSON-STP4403 Datasheet
321Kb / 6P
   STP4403 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP9235 STANSON-STP9235 Datasheet
331Kb / 6P
   STP9235 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STN9926 STANSON-STN9926 Datasheet
648Kb / 7P
   The STN9926 is the Dual N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology.
logo
ACE Technology Co., LTD...
ACE632 ACE-ACE632 Datasheet
1Mb / 11P
   The ACE632 is the N- and P-Channel enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com