データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IKW15T120 データシート(PDF) 1 Page - Infineon Technologies AG

部品番号 IKW15T120
部品情報  LOW LOSS DUOPACK : IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EMCON HE DIODE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW15T120 データシート(HTML) 1 Page - Infineon Technologies AG

  IKW15T120 Datasheet HTML 1Page - Infineon Technologies AG IKW15T120 Datasheet HTML 2Page - Infineon Technologies AG IKW15T120 Datasheet HTML 3Page - Infineon Technologies AG IKW15T120 Datasheet HTML 4Page - Infineon Technologies AG IKW15T120 Datasheet HTML 5Page - Infineon Technologies AG IKW15T120 Datasheet HTML 6Page - Infineon Technologies AG IKW15T120 Datasheet HTML 7Page - Infineon Technologies AG IKW15T120 Datasheet HTML 8Page - Infineon Technologies AG IKW15T120 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
IKW15T120
^
TrenchStop Series
Power Semiconductors
1
Preliminary / Rev. 1 Jul-02
Low Loss DuoPack : IGBT in Trench and Fieldstop technology
with soft, fast recovery anti-parallel EmCon HE diode
Approx. 1.0V reduced VCE(sat)
and 0.5V reduced VF compared to BUP313D
Short circuit withstand time – 10
µs
Designed for :
- Frequency Converters
- Uninterrupted Power Supply
Trench and Fieldstop technology for 1200 V applications offers :
- very tight parameter distribution
- high ruggedness, temperature stable behavior
NPT technology offers easy parallel switching capability due to
positive temperature coefficient in VCE(sat)
Low EMI
Low Gate Charge
Very soft, fast recovery anti-parallel EmCon HE diode
Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/
Type
VCE
IC
VCE(sat),Tj=25°C
Tj,max
Package
Ordering Code
IKW15T120
1200V
15A
1.7V
150
°C
TO-247AC
Q67040-S4516
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCE
1200
V
DC collector current
TC = 25°C
TC = 100°C
I C
30
15
Pulsed collector current, tp limited by Tjmax
I Cp ul s
45
Turn off safe operating area
VCE ≤ 1200V, Tj ≤ 150°C
-
45
Diode forward current
TC = 25°C
TC = 100°C
I F
30
15
Diode pulsed current, tp limited by Tjmax
I Fp ul s
45
A
Gate-emitter voltage
VGE
±20
V
Short circuit withstand time
1)
VGE = 15V, VCC ≤ 1200V, Tj ≤ 150°C
t SC
10
µs
Power dissipation
TC = 25°C
Ptot
110
W
Operating junction temperature
T j
-40...+150
Storage temperature
T st g
-55...+150
Soldering temperature, 1.6mm (0.063 in.) from case for 10s
-
260
°C
1) Allowed number of short circuits: <1000; time between short circuits: >1s.
P-TO-247-3-1
(TO-247AC)
G
C
E


同様の部品番号 - IKW15T120

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
IKW15T120 INFINEON-IKW15T120 Datasheet
369Kb / 15P
   TrenchStop Series
Rev. 2.3 Sep 08
IKW15T120 INFINEON-IKW15T120_08 Datasheet
369Kb / 15P
   TrenchStop Series
Rev. 2.3 Sep 08
More results

同様の説明 - IKW15T120

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IKP15N60T INFINEON-IKP15N60T Datasheet
402Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 May 06
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP06N60T INFINEON-IKP06N60T Datasheet
359Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 May 06
IKW08T120 INFINEON-IKW08T120 Datasheet
343Kb / 15P
   LOW LOSS DUOPACK - IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI - PARALLEL EMCON HE DIODE
Rev. 1 Oct-03
IKW30N60T INFINEON-IKW30N60T Datasheet
397Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dev-04
IKA06N60T INFINEON-IKA06N60T Datasheet
354Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
logo
List of Unclassifed Man...
IKB06N60T ETC-IKB06N60T Datasheet
371Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com