データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1025X データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI1025X
部品情報  P-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1025X データシート(HTML) 1 Page - Vishay Siliconix

  SI1025X Datasheet HTML 1Page - Vishay Siliconix SI1025X Datasheet HTML 2Page - Vishay Siliconix SI1025X Datasheet HTML 3Page - Vishay Siliconix SI1025X Datasheet HTML 4Page - Vishay Siliconix SI1025X Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vishay Siliconix
Si1025X
Document Number: 71433
S-80643-Rev. B, 24-Mar-08
www.vishay.com
1
P-Channel 60-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
TrenchFET® Power MOSFETs
High-Side Switching
Low On-Resistance: 4
Ω
Low Threshold: - 2 V (typ.)
Fast Switching Speed: 20 ns (typ.)
Low Input Capacitance: 23 pF (typ.)
Miniature Package
Gate-Source ESD Protected: 2000 V
BENEFITS
Ease in Driving Switches
Low Offset Voltage
Low-Voltage Operation
High-Speed Circuits
Easily Driven Without Buffer
Small Board Area
APPLICATIONS
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories, Transistors etc.
Battery Operated Systems
Power Supply Converter Circuits
Solid State Relays
PRODUCT SUMMARY
V(BR)DSS (min) (V)
RDS(on) (Ω)VGS(th) (V)
ID (mA)
- 60
4 at VGS = - 10 V
- 1 to - 3.0
- 500
Marking Code: D
Top View
3
1
D2
G2
S1
5
2
4
6
D1
S2
G1
SC-89
Ordering Information: Si1025X-T1-E3 (Lead (Pb)-free)
Si1025X-T1-GE3 (Lead (Pb)-free and Halogen-free)
Notes:
a. Surface Mounted on FR4 board.
b. Pulse width limited by maximum junction temperature.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
- 60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 200
- 190
mA
TA = 85 °C
- 145
- 135
Pulsed Drain Currentb
IDM
- 650
Continuous Source Current (Diode Conduction)a
IS
- 450
- 380
Maximum Power Dissipationa
TA = 25 °C
PD
280
250
mW
TA = 85 °C
145
130
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V
RoHS
COMPLIANT


同様の部品番号 - SI1025X

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1025X VISHAY-SI1025X Datasheet
112Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1025X VISHAY-SI1025X Datasheet
147Kb / 7P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI1025X-T1-E3 VISHAY-SI1025X-T1-E3 Datasheet
112Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1025X-T1-GE3 VISHAY-SI1025X-T1-GE3 Datasheet
112Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1025X VISHAY-SI1025X_08 Datasheet
112Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results

同様の説明 - SI1025X

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com