データシートサーチシステム |
|
74ALVTHR16245ZQLR データシート(PDF) 5 Page - Texas Instruments |
|
74ALVTHR16245ZQLR データシート(HTML) 5 Page - Texas Instruments |
5 / 8 page SN54ALVTHR16245, SN74ALVTHR16245 2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCES075D – JUNE 1996 – REVISED DECEMBER 2002 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V (unless otherwise noted) PARAMETER TEST CONDITIONS SN54ALVTHR16245 SN74ALVTHR16245 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT VIK VCC = 2.3 V, II = –18 mA –1.2 –1.2 V VCC = 2.3 V to 2.7 V, IOH = –100 µA VCC–0.2 VCC–0.2 VOH VCC =2 3V IOH = –6 mA 1.7 V VCC = 2.3 V IOH = –8 mA 1.7 VCC = 2.3 V to 2.7 V, IOL = 100 µA 0.2 0.2 VOL VCC =2 3V IOL = 6 mA 0.7 V VCC = 2.3 V IOL = 12 mA 0.7 Control inputs VCC = 2.7 V, VI = VCC or GND ±1 ±1 Control inputs VCC = 0 or 2.7 V, VI = 5.5 V 10 10 II VI = 5.5 V 20 20 µA A or B ports VCC = 2.7 V VI = VCC 1 1 VI = 0 –5 –5 Ioff VCC = 0, VI or VO = 0 to 4.5 V ±100 µA IBHL‡ VCC = 2.3 V, VI = 0.7 V 115 115 µA IBHH§ VCC = 2.3 V, VI = 1.7 V –10 –10 µA IBHLO¶ VCC = 2.7 V, VI = 0 to VCC 300 300 µA IBHHO# VCC = 2.7 V, VI = 0 to VCC –300 –300 µA IEX|| VCC = 2.3 V, VO = 5.5 V 125 125 µA IOZ(PU/PD)k VCC ≤ 1.2 V, VO = 0.5 V to VCC, VI = GND or VCC, OE = don’t care ±100 ±100 µA VCC = 2.7 V, Outputs high 0.04 0.1 0.04 0.1 ICC VCC = 2.7 V, IO = 0, Outputs low 2.5 4.5 2.5 4.5 mA VI = VCC or GND Outputs disabled 0.04 0.1 0.04 0.1 Ci VCC = 2.5 V, VI = 2.5 V or 0 3.5 3.5 pF Cio VCC = 2.5 V, VO = 2.5 V or 0 8 8 pF † All typical values are at VCC = 2.5 V, TA = 25°C. ‡ The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND and then raising it to VIL max. § The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC and then lowering it to VIH min. ¶ An external driver must source at least IBHLO to switch this node from low to high. # An external driver must sink at least IBHHO to switch this node from high to low. || Current into an output in the high state when VO > VCC k High-impedance state during power up or power down PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
同様の部品番号 - 74ALVTHR16245ZQLR |
|
同様の説明 - 74ALVTHR16245ZQLR |