データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BP9916D データシート(PDF) 1 Page - Bright Power Semiconductor Co., Ltd.

部品番号 BP9916D
部品情報  Non-isolated Buck Offline LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BPS [Bright Power Semiconductor Co., Ltd.]
ホームページ  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP9916D データシート(HTML) 1 Page - Bright Power Semiconductor Co., Ltd.

  BP9916D Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP9916D Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BP9916D
Non-isolated Buck Offline LED Driver
BP9916D_EN _DS_Rev.1.0
www.bpsemi.com
1
BPS Confidential – Customer Use Only
晶丰明源半导体
Description
BP9916D is a high precision Buck constant current
LED
driver.
The
device
operates
in
critical
conduction mode and is suitable for 85Vac~265Vac
universal input offline LED lighting.
The BP9916D integrates a 500V power MOSFET.
With patent pending MOSFET driving technique, the
operating current of the IC is as low as 200uA. It
doesn’t need the auxiliary winding for VCC supply.
It can achieve excellent constant current performance
with very few external components, so the system
cost and size are minimized.
BP9916D utilizes patent pending current control
method. It can achieve precise output current and
excellent line regulation. The driver operates in
critical conduction mode, the output current does not
change with the inductance and output voltage.
The BP9916D offers rich protections to improve the
system reliability, including LED short circuit
protection, VCC under voltage protection and
thermal regulation function.
Typical Application
Features
Internal 500V Power MOSFET
Integrated HV JFET for VCC Power Supply
Critical Conduction Mode Operation
Low Operating Current
±5% LED Output Current Accuracy
LED Short Protection
VCC Under Voltage Protection
Thermal Regulation Function
Available in SOP8 Package
Applications
LED Candle Light
LED Bulb
Other LED Lighting
AC
DRAIN
CS
NC
CS
NC
1
2
3
4
8
7
6
5
BP9916D
CS
VCC
CS
Figure 1. Typical application circuit for BP9916D


同様の部品番号 - BP9916D

メーカー部品番号データシート部品情報
logo
Bright Power Semiconduc...
BP9916B BPS-BP9916B Datasheet
413Kb / 8P
   Non-isolated Buck Offline LED Driver
Rev.1.0
BP9916C BPS-BP9916C Datasheet
217Kb / 2P
   Non-isolated Buck Offline LED Driver
BP9916E BPS-BP9916E Datasheet
413Kb / 8P
   Non-isolated Buck Offline LED Driver
Rev.1.0
More results

同様の説明 - BP9916D

メーカー部品番号データシート部品情報
logo
Shenzhen Winsemi Microe...
WS9442P WINSEMI-WS9442P Datasheet
852Kb / 9P
   Non-isolated Buck Offline LED Driver
logo
Unisonic Technologies
USL3533K UTC-USL3533K Datasheet
199Kb / 6P
   NON-ISOLATED BUCK OFFLINE LED DRIVER
logo
Bright Power Semiconduc...
BP2836D BPS-BP2836D Datasheet
196Kb / 2P
   Non-isolated Buck Offline LED Driver
BP2857D BPS-BP2857D Datasheet
272Kb / 2P
   Non-isolated Buck Offline LED Driver
BP2866XJ BPS-BP2866XJ Datasheet
242Kb / 2P
   Non-isolated Buck Offline LED Driver
BP9911CB BPS-BP9911CB Datasheet
252Kb / 2P
   Non-isolated Buck Offline LED Driver
BP9918C BPS-BP9918C Datasheet
216Kb / 2P
   Non-isolated Buck Offline LED Driver
BP2833A BPS-BP2833A Datasheet
423Kb / 8P
   Non-isolated Buck Offline LED Driver
BP9916B BPS-BP9916B Datasheet
413Kb / 8P
   Non-isolated Buck Offline LED Driver
Rev.1.0
logo
Shenzhen Winsemi Microe...
WS3441A WINSEMI-WS3441A Datasheet
505Kb / 8P
   Non-isolated Buck Offline LED Driver
WS3441 WINSEMI-WS3441 Datasheet
610Kb / 10P
   Non-isolated Buck Offline LED Driver
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com