データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS18LV10245EI データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 CS18LV10245EI
部品情報  HIgh Speed Super Low Power SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV10245EI データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  CS18LV10245EI Datasheet HTML 1Page - List of Unclassifed Manufacturers CS18LV10245EI Datasheet HTML 2Page - List of Unclassifed Manufacturers CS18LV10245EI Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV10245EI Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV10245EI Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV10245EI Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV10245EI Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV10245EI Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV10245EI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
High Speed Super Low Power SRAM
128K-Word By 8 Bit
CS18LV10245
Rev. 1.2
Copyright 2004 March Chiplus Semiconductor Corp. All rights reserved. .
P 1
DESCRIPTION
The CS18LV10245 is a high performance, high speed and super low power CMOS Static
Random Access Memory organized as 131,072 words by 8bits and operates from a wide range of
4.5 to 5.5V supply voltage. Advanced CMOS technology and circuit techniques provide both high
speed, super low power features and maximum access time of 55/70ns in 5V operation. Easy
memory expansion is provided by an active LOW chip enable (/CE) and active LOW output enable
(/OE).
The CS18LV10245 has an automatic power down feature, reducing the power consumption
significantly when chip is deselected. The CS18LV10245 is available in JEDEC standard 32-pin
sTSOP - I (8x13.4 mm), TSOP - I (8x20mm), SOP (450 mil) and PDIP (600 mil) packages.
FEATURES
1.
Fully static operation and Tri-state output
2.
TTL compatible inputs and outputs
3.
Ultra low power consumption :
2.0V (min) data retention
Low operation voltage : 4.5 ~ 5.5V ; 5mA@1MHz (Max.) operating current (Vcc = 5.0V)
4.
Standby Typ. = 0.50uA, (Typical value @ Vcc = 5.0V, TA = 25
0C)
5.
Standard pin configuration
32 - SOP 450mil
32 - sTSOP-I - 8X13.4mm
32 - TSOP-I 8X20mm
32 - PDIP 600mil
Product Family
Part No.
Operating Temp Vcc. Range Speed (ns)
Standby (Typ.)
Package Type
CS18LV10245CC
32 SOP
CS18LV10245DC
32 STSOP
CS18LV10245EC
32 TSOP (I)
CS18LV10245LC
0~70
oC
0.50uA
32 PDIP
CS18LV10245CI
32 SOP
CS18LV10245DI
32 STSOP
CS18LV10245EI
32 TSOP (I)
CS18LV10245LI
-40~85
oC
4.5 ~ 5.5
55/70
0.80uA
32 PDIP
Note: Green package part no, sees order information.


同様の部品番号 - CS18LV10245EI

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-55 ETC1-CS18LV02565AAC-55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-70 ETC1-CS18LV02565AAC-70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR55 ETC1-CS18LV02565AACR55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR70 ETC1-CS18LV02565AACR70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
More results

同様の説明 - CS18LV10245EI

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
   High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
List of Unclassifed Man...
CS18LV20483 ETC1-CS18LV20483 Datasheet
757Kb / 16P
   High Speec Super Low Power SRAM
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV1601 BSI-BH62UV1601_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV8000 BSI-BH62UV8000 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
logo
Fuji Electric
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com