データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74ACT377N データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC74ACT377N
部品情報  Octal D Flip-Flop with Clock Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT377N データシート(HTML) 3 Page - ON Semiconductor

  MC74ACT377N Datasheet HTML 1Page - ON Semiconductor MC74ACT377N Datasheet HTML 2Page - ON Semiconductor MC74ACT377N Datasheet HTML 3Page - ON Semiconductor MC74ACT377N Datasheet HTML 4Page - ON Semiconductor MC74ACT377N Datasheet HTML 5Page - ON Semiconductor MC74ACT377N Datasheet HTML 6Page - ON Semiconductor MC74ACT377N Datasheet HTML 7Page - ON Semiconductor MC74ACT377N Datasheet HTML 8Page - ON Semiconductor MC74ACT377N Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC74AC377, MC74ACT377
http://onsemi.com
3
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
–0.5 to +7.0
V
Vin
DC Input Voltage (Referenced to GND)
–0.5 to VCC +0.5
V
Vout
DC Output Voltage (Referenced to GND)
–0.5 to VCC +0.5
V
Iin
DC Input Current, per Pin
±20
mA
Iout
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC VCC or GND Current per Output Pin
±50
mA
Tstg
Storage Temperature
–65 to +150
°C
θJA
Thermal Resistance (Junction to Ambient)
SOIC, DW
TSSOP, DT
PDIP, N
97
129
69
°C/W
VESD
ESD Withstand Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
Charged Device Model (Note 3)
> 2000
> 200
> 1000
V
ILatch–Up Latch–Up Performance
VCC = 5.5 V; TA = 125°C (Note 4)
> 100
mA
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the
Recommended Operating Conditions.
1. Tested to EIA/JESD22–A114–A
2. Tested to EIA/JESD22–A115–A
3. Tested to JESD22–C101–A
4. Tested to EIA/JESD78
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
′AC
2.0
5.0
6.0
V
VCC
Supply Voltage
′ACT
4.5
5.0
5.5
V
Vin, Vout
DC Input Voltage, Output Voltage (Ref. to GND)
0
VCC
V
I
t Ri
d F ll Ti
(N t 5)
VCC @ 3.0 V
150
tr, tf
Input Rise and Fall Time (Note 5)
′AC Devices except Schmitt Inputs
VCC @ 4.5 V
40
ns/V
r, f
AC Devices exce t Schmitt In uts
VCC @ 5.5 V
25
ttf
Input Rise and Fall Time (Note 6)
VCC @ 4.5 V
10
ns/V
tr, tf
In ut Rise and Fall Time (Note 6)
′ACT Devices except Schmitt Inputs
VCC @ 5.5 V
8.0
ns/V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Ambient Temperature Range
–40
25
85
°C
IOH
Output Current — High
–24
mA
IOL
Output Current — Low
24
mA
5. Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times.
6. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.


同様の部品番号 - MC74ACT377N

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74ACT377N MOTOROLA-MC74ACT377N Datasheet
215Kb / 6P
   OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
ON Semiconductor
MC74ACT377N ONSEMI-MC74ACT377N Datasheet
122Kb / 10P
   Octal D Flip?묯lop with Clock Enable
December, 2006 ??Rev. 9
MC74ACT377NG ONSEMI-MC74ACT377NG Datasheet
122Kb / 10P
   Octal D Flip?묯lop with Clock Enable
December, 2006 ??Rev. 9
More results

同様の説明 - MC74ACT377N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54AC377 NSC-54AC377 Datasheet
177Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
   OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
54ACTQ377 NSC-54ACTQ377 Datasheet
167Kb / 6P
   Octal D Flip-Flop with Clock Enable
logo
ON Semiconductor
MC74AC377 ONSEMI-MC74AC377_15 Datasheet
102Kb / 9P
   Octal D Flip-Flop with Clock Enable
March, 2015 ??Rev. 10
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
54F377 TI1-54F377 Datasheet
392Kb / 10P
[Old version datasheet]   54F377 Octal D Flip-Flop with Clock Enable
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com