データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV230M64 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 MTV230M64
部品情報  8051 Embedded Micro Controller with Flash OSD and ISP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

MTV230M64 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  MTV230M64 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
MTV230M64
Page 3 of 31
PIN CONFIGURATION
A “CMOS pin” can be used as Input or Output mode. To use these pins as output mode, S/W needs to set the
corresponding output enable control bit “Pxxoe” to 1. Otherwise, the “Pxxoe” should clear to 0. In output mode,
these pins can sink and drive at least 4mA current.
A “open drain pin” means it can sink at least 4mA current but no drive current to VDD. It can be used as input or
output function and need an external pull up resistor.
A “8051 standard pin” is a pseudo open drain pin. It can sink at least 4mA current when output low level, and
drive at least 4mA current for 160nS when output transit from low to high, then keep drive 100uA to maintain the
pin at high level. It can be used as input or output function. It need an external pull up resistor when drive heavy
load device.
8051 Standard Pin
4mA
4mA
Output
Data
Pin
CMOS Pin (Output Mode)
Pxxoe=1
2 OSC
period
delay
4mA
10uA
Output
Data
120uA
Pin
4mA
Input
Data
Output
Data
CMOS Pin (Input Mode)
Pxxoe=0
No Current
No Current
Pin
Input
Data
5V Open Drain Pin
No Current
4mA
Output
Data
Pin
Input
Data


同様の部品番号 - MTV230M64

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV230MF64 ETC1-MTV230MF64 Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV230MS64 ETC1-MTV230MS64 Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV230MV64 ETC1-MTV230MV64 Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
More results

同様の説明 - MTV230M64

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
logo
List of Unclassifed Man...
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
logo
SyncMOS Technologies,In...
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com