データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXL213AE データシート(PDF) 2 Page - Analog Devices

部品番号 ADXL213AE
部品情報  Low Cost 1.2 g Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXL213AE データシート(HTML) 2 Page - Analog Devices

  ADXL213AE Datasheet HTML 1Page - Analog Devices ADXL213AE Datasheet HTML 2Page - Analog Devices ADXL213AE Datasheet HTML 3Page - Analog Devices ADXL213AE Datasheet HTML 4Page - Analog Devices ADXL213AE Datasheet HTML 5Page - Analog Devices ADXL213AE Datasheet HTML 6Page - Analog Devices ADXL213AE Datasheet HTML 7Page - Analog Devices ADXL213AE Datasheet HTML 8Page - Analog Devices ADXL213AE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADXL213
Rev. 0 | Page 2 of 12
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Typical Performance Characteristics ............................................. 5
Theory of Operation ........................................................................ 8
Performance .................................................................................. 8
Applications....................................................................................... 9
Power Supply Decoupling ........................................................... 9
Setting the Bandwidth Using CX and CY.................................... 9
Self Test .......................................................................................... 9
Design Trade-Offs for Selecting Filter Characteristics:
The Noise/BW Trade-Off........................................................9
Using the ADXL213 with Operating Voltages Other
than 5 V................................................................................... 10
Using the ADXL213 as a Dual-Axis Tilt Sensor..................... 10
Pin Configurations and Functional Descriptions ...................... 11
Outline Dimensions ....................................................................... 12
ESD Caution................................................................................ 12
Ordering Guide .......................................................................... 12
REVISION HISTORY
Revision 0: Initial Version


同様の部品番号 - ADXL213AE

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
More results

同様の説明 - ADXL213AE

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
logo
Analog Devices
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
logo
List of Unclassifed Man...
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
   Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com