データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APHBM2012LQBDSURKC データシート(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

部品番号 APHBM2012LQBDSURKC
部品情報  2.0 x 1.25 mm SMD Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
ホームページ  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APHBM2012LQBDSURKC データシート(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APHBM2012LQBDSURKC Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LQBDSURKC Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LQBDSURKC Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LQBDSURKC Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAO5242 / 1203015224 Rev No: V.3A Date: 07/06/2017
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
APHBM2012LQBDSURKC
Parameter
Symbol
Emitting Color
Value
Unit
Min.
Typ.
Max.
Wavelength at Peak Emission IF = 2mA
λpeak
Blue
Hyper Red
-
460
645
-
nm
Dominant Wavelength IF = 2mA
λdom
[1]
Blue
Hyper Red
-
465
630
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 2mA
Δλ
Blue
Hyper Red
-
25
28
-
nm
Capacitance
C
Blue
Hyper Red
-
100
35
-
pF
Forward Voltage IF = 2mA
VF
[2]
Blue
Hyper Red
2.2
1.5
2.65
1.75
3.0
2.1
V
Reverse Current (VR = 5V)
IR
Blue
Hyper Red
-
-
50
10
uA
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Parameter
Symbol
Value
Unit
Blue
Hyper Red
Power Dissipation
PD
120
75
mW
Reverse Voltage
VR
5
5
V
Junction Temperature
Tj
115
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
30
30
mA
Peak Forward Current
IFM
[1]
150
185
mA
Electrostatic Discharge Threshold (HBM)
-
250
3000
V
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.


同様の部品番号 - APHBM2012LQBDSURKC

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
APHBM2012LQBDSURKC KINGBRIGHT-APHBM2012LQBDSURKC Datasheet
328Kb / 6P
   Wide viewing angle
More results

同様の説明 - APHBM2012LQBDSURKC

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
APTD2012LCGCK KINGBRIGHT-APTD2012LCGCK Datasheet
307Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
SunLED Corporation
XZMOK54W-8 SUNLED-XZMOK54W-8 Datasheet
232Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APHBM2012LVBDSEKJ3C TO-GRACE-APHBM2012LVBDSEKJ3C Datasheet
919Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APHBM2012SURKZGKC KINGBRIGHT-APHBM2012SURKZGKC Datasheet
318Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KP-2012SECK TO-GRACE-KP-2012SECK Datasheet
854Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APHCM2012ZGCK-F01 TO-GRACE-APHCM2012ZGCK-F01 Datasheet
842Kb / 4P
   2.0 x 1.25 mm SMD CHIP LED LAMP
APT2012LSECK-J4-PRV TO-GRACE-APT2012LSECK-J4-PRV Datasheet
789Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APT2012SGC TO-GRACE-APT2012SGC Datasheet
794Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APT2012SURCK TO-GRACE-APT2012SURCK Datasheet
799Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APTD2012LVBC-D TO-GRACE-APTD2012LVBC-D Datasheet
917Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
KPHBM-2012SURKCGKC TO-GRACE-KPHBM-2012SURKCGKC Datasheet
970Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com