データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APHBM2012LVBDSEKJ3C データシート(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

部品番号 APHBM2012LVBDSEKJ3C
部品情報  2.0 x 1.25 mm SMD Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
ホームページ  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APHBM2012LVBDSEKJ3C データシート(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APHBM2012LVBDSEKJ3C Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LVBDSEKJ3C Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LVBDSEKJ3C Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LVBDSEKJ3C Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAO4587 / 1203015177 Rev No: V.2A Date: 07/07/2017
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
APHBM2012LVBDSEKJ3C
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.
Parameter
Symbol
Emitting Color
Value
Unit
Min.
Typ.
Max.
Wavelength at Peak Emission IF = 2mA
λpeak
Blue
Hyper Red
465
640
-
nm
Dominant Wavelength IF = 2mA
λdom
[1]
Blue
Hyper Red
470
625
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 2mA
Δλ
Blue
Hyper Red
22
20
-
nm
Capacitance
C
Blue
Hyper Red
100
27
-
pF
Forward Voltage IF = 2mA
VF
[2]
Blue
Hyper Red
2.2
1.5
2.65
1.8
3.0
2.1
V
Reverse Current (VR = 5V)
IR
Blue
Hyper Red
-
-
50
10
uA
Parameter
Symbol
Value
Unit
Blue
Hyper Red
Power Dissipation
PD
120
84
mW
Reverse Voltage
VR
5
5
V
Junction Temperature
TJ
115
115
°C
Operating Temperature
Top
-40 To +85
°C
Storage Temperature
Tstg
-40 To +85
°C
DC Forward Current
IF
30
30
mA
Peak Forward Current
IFM
[1]
100
150
mA
Electrostatic Discharge Threshold (HBM)
-
250
3000
V


同様の部品番号 - APHBM2012LVBDSEKJ3C

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
APHBM2012LVBDSEKJ3C KINGBRIGHT-APHBM2012LVBDSEKJ3C Datasheet
314Kb / 6P
   Wide viewing angle
More results

同様の説明 - APHBM2012LVBDSEKJ3C

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
APTD2012LCGCK KINGBRIGHT-APTD2012LCGCK Datasheet
307Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
SunLED Corporation
XZMOK54W-8 SUNLED-XZMOK54W-8 Datasheet
232Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APHBM2012SURKZGKC KINGBRIGHT-APHBM2012SURKZGKC Datasheet
318Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KP-2012SECK TO-GRACE-KP-2012SECK Datasheet
854Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APHCM2012ZGCK-F01 TO-GRACE-APHCM2012ZGCK-F01 Datasheet
842Kb / 4P
   2.0 x 1.25 mm SMD CHIP LED LAMP
APT2012LSECK-J4-PRV TO-GRACE-APT2012LSECK-J4-PRV Datasheet
789Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APT2012SGC TO-GRACE-APT2012SGC Datasheet
794Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APT2012SURCK TO-GRACE-APT2012SURCK Datasheet
799Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
APTD2012LVBC-D TO-GRACE-APTD2012LVBC-D Datasheet
917Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
KPHBM-2012SURKCGKC TO-GRACE-KPHBM-2012SURKCGKC Datasheet
970Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com