データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX5138EVKIT データシート(PDF) 3 Page - Maxim Integrated Products

部品番号 MAX5138EVKIT
部品情報  MAX5138 Evaluation Kit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5138EVKIT データシート(HTML) 3 Page - Maxim Integrated Products

  MAX5138EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX5138EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX5138EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX5138EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX5138EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX5138EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX5138EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX5138EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX5138EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
4) Connect the USB cable from the PC to the EV kit
board. A New Hardware Found window pops up
when installing the USB driver for the first time. If a
window is not seen that is similar to the one
described above after 30s, remove the USB cable
from the board and reconnect it. Administrator priv-
ileges are required to install the USB device driver
on Windows.
5) Follow the directions of the Add New Hardware
Wizard to install the USB device driver. Choose the
Search for the best driver for your device option.
Specify the location of the device driver to be
C:\Program Files\MAX5138 (default installation
directory) using the Browse button. During device
driver installation, Windows may show a warning
message indicating that the device driver Maxim
uses does not contain a digital signature. This is not
an error condition and it is safe to proceed with instal-
lation. Refer to the USB_Driver_Help.PDF document
included with the software for additional information.
6) Start the MAX5138 EV kit software by opening its
icon in the Start | Programs menu.
7) When the Power Up State Of DAC Output window
appears, verify that the shunt on jumper JU6 is in
the proper location on the board and press the cor-
responding radio button. The MAX5138 EV kit soft-
ware main window appears next, as shown in
Figure 1.
MAX5138 Evaluation Kit
_______________________________________________________________________________________
3
Table 1. MAX5138 EV Kit Jumper Descriptions (JU1–JU9)
JUMPER
SHUNT
POSITION
DESCRIPTION
1-2*
MAX5138
CS signal connected to on-board microcontroller
JU1
2-3
MAX5138
CS signal connected to H3-1 of on-board header H3
1-2*
MAX5138 SCLK signal connected to on-board microcontroller
JU2
2-3
MAX5138 SCLK signal connected to H3-3 of on-board header H3
1-2*
MAX5138 DIN signal connected to on-board microcontroller
JU3
2-3
MAX5138 DIN signal connected to H3-5 of on-board header H3
1-2
Factory Use Only. The MAX5138 EV kit software and MAXQ2000 microcontroller do not read the
MAX5138
READY signal.
JU4
2-3*
MAX5138
READY signal connected to H3-7 of on-board header H3
1-2*
MAX5138
LDAC signal connected to on-board microcontroller
JU5
2-3
MAX5138
LDAC signal connected to H3-9 of on-board header H3
1-2
Factory Use Only. The MAX5138 EV kit software and MAXQ2000 microcontroller do not drive the
MAX5138 M/
Z signal.
1-3
MAX5138 M/
Z signal connected to GND. DAC outputs are set to 0V after power-up or power-on reset
(POR).
1-4
MAX5138 M/
Z signal connected to H3-11 of on-board header H3
JU6
1-5*
MAX5138 M/
Z signal connected to AVDD. DAC outputs are set to midscale after power-up or power-on
reset (POR).
1-2*
DVDD connected to on-board regulated +3.3V supply
JU7
2-3
Connect an external 2.7V to 3.6V supply to the DVDD pad. The on-board microcontroller must be
disconnected before connecting an external supply to DVDD greater than 3.6V. See the User-Supplied
Power Supplies section for more information.
1-2*
AVDD connected to on-board regulated +3.3V supply
JU8
2-3
Connect an external 2.7V to 5.25V supply to the AVDD pad
1-2*
REFIN is connected to the internal 2.440V reference. REFIN is connected to REFOUT.
2-3
The MAX5138 reference is equal to AVDD
JU9
Open
Connect an external reference voltage to REFIN in the 2V to AVDD range.
*
Default position.


同様の部品番号 - MAX5138EVKIT

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX5138BGTE++ MAXIM-MAX5138BGTE+ Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
More results

同様の説明 - MAX5138EVKIT

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com