データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C0603C682J3GECTU データシート(PDF) 1 Page - Kemet Corporation

部品番号 C0603C682J3GECTU
部品情報  ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 6800 pF, 5%, 25 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class I, 0603
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C682J3GECTU データシート(HTML) 1 Page - Kemet Corporation

  C0603C682J3GECTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: C0603C682J3GECTU
(C0603C682J3GEC7867)
ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 6800 pF, 5%, 25 VDC, C0G, SMD, MLCC, Temperature Stable, Electro
Static Discharge, Class I, 0603
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: ESD SMD Comm C0G
Style: SMD Chip
Description:
SMD, MLCC, Temperature
Stable, Electro Static Discharge,
Class I
Features: Temperature Stable, Low ESR,
Class I
RoHS: Yes
Termination: Tin
Marking: No
Chip Size: 0603
Specifications
Capacitance: 6800 pF
Capacitance Tolerance: 5%
Voltage DC: 25 VDC
ESD Level per AEC-Q200: 25,000 V ESD Level
Dielectric Withstanding
Voltage: 62.5 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.10% 1kHz 25C
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 1/30/2019 - 3b3b5b84-b027-43e3-860b-f1a54c85228e


同様の部品番号 - C0603C682J3GECTU

メーカー部品番号データシート部品情報
logo
Kemet Corporation
C0603C682J3GAC KEMET-C0603C682J3GAC Datasheet
50Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0G Dielectric
C0603C682J3GACTU KEMET-C0603C682J3GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 6800 pF, /-5% Tol, 25 V, C0G, 0603 (1608 metric)
More results

同様の説明 - C0603C682J3GECTU

メーカー部品番号データシート部品情報
logo
Kemet Corporation
C0603C682J5GECTU KEMET-C0603C682J5GECTU Datasheet
62Kb / 1P
   ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 6800 pF, 5%, 50 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class I, 0603
C0603C102J3GECTU KEMET-C0603C102J3GECTU Datasheet
62Kb / 1P
   ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 1000 pF, 5%, 25 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class I, 0603
C0603X682K5GECTU KEMET-C0603X682K5GECTU Datasheet
63Kb / 1P
   ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 6800 pF, 10%, 50 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class I, 0603
C0603X102K3GECTU KEMET-C0603X102K3GECTU Datasheet
62Kb / 1P
   ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 1000 pF, 10%, 25 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class I, 0603
C0603C332K3GECTU KEMET-C0603C332K3GECTU Datasheet
62Kb / 1P
   ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 3300 pF, 10%, 25 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class I, 0603
C0603X222K3GECTU KEMET-C0603X222K3GECTU Datasheet
62Kb / 1P
   ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 2200 pF, 10%, 25 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class I, 0603
C0603C472K3GECTU KEMET-C0603C472K3GECTU Datasheet
62Kb / 1P
   ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 4700 pF, 10%, 25 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class I, 0603
C0603C102J5GECTU KEMET-C0603C102J5GECTU Datasheet
62Kb / 1P
   ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 1000 pF, 5%, 50 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class I, 0603
C0603C222J1GECTU KEMET-C0603C222J1GECTU Datasheet
62Kb / 1P
   ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 2200 pF, 5%, 100 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class I, 0603
C0603C153J3GECTU KEMET-C0603C153J3GECTU Datasheet
62Kb / 1P
   ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 0.015 uF, 5%, 25 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class I, 0603
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com