データシートサーチシステム |
|
AD45048AR データシート(PDF) 3 Page - Analog Devices |
|
AD45048AR データシート(HTML) 3 Page - Analog Devices |
3 / 8 page AD45048 Rev. A | Page 3 of 8 SPECIFICATIONS VS = ±6 V or +12 V (@ TA = 25°C, G = +10, RL = 100 Ω, unless otherwise noted). Table 1. Parameter Test Conditions/Comments Min Typ Max Unit DYNAMIC PERFORMANCE −3 dB Bandwidth G = +1, VOUT = 0.1 V p-p, RFB = 0 Ω, RLOAD = 25 Ω 65 MHz 0.1 dB Flatness VOUT = 0.1 V p-p single-ended, G = +1, RLOAD = 25 Ω 3.35 MHz Large Signal Bandwidth VOUT = 1 V p-p single-ended, G = +10, RLOAD = 25 Ω 4.5 MHz Large Signal Slew Rate VOUT = 5 V p-p, G = +1, RLOAD = 25 Ω 55 V/μs NOISE/DISTORTION PERFORMANCE Distortion (Worst Harmonic) fC = 40 kHz, VOUT = 6 V p-p, single-ended, RLOAD = 25 Ω −80 dBc Multitone Power Ratio 26 kHz to 134 kHz, ZLINE = 100 Ω, XFMR = 1:2 turns, PLINE = 13 dBm −68 dBc Input Voltage Noise f = 100 kHz 4.5 nV/√Hz Input Current Noise f = 100 kHz 1.5 pA/√Hz DC PERFORMANCE Input Offset Voltage 1 2.5 mV TMIN − TMAX 2.5 mV Input Offset Voltage Match 1 2.0 mV Input Bias Current 200 900 nA TMIN − TMAX 1.3 μA Input Offset Current 50 300 nA Open-Loop Gain 85 94 dB INPUT CHARACTERISTICS Input Resistance f = 100 kHz 87 kΩ Input Capacitance 1.4 pF OUTPUT CHARACTERISTICS Output Resistance 1.4 MHz; G = +1 0.2 Ω Output Voltage Swing Maximum swing (differential) VOMAX, RLOAD = 50 Ω differential 11.25 11.5 V diff Minimum swing (differential) VOMIN, RLOAD = 50 Ω differential −11.5 −11.25 V diff Differential Output Voltage Swing ΔVOUT = VOMAX − VOMIN 22.5 23 V p-p Single-Ended +Swing RLOAD = 25 Ω 5.68 5.76 Vp Single-Ended -Swing RLOAD = 25 Ω −5.67 −5.58 Vp Single-Ended +Swing RLOAD = 100 Ω 5.92 5.95 Vp Single-Ended –Swing RLOAD = 100 Ω −5.91 −5.86 Vp Operating Range (Dual Supply) ±1.5 ±12.6 V Supply Current 7 9 12 mA Power Supply Rejection Ratio ±0.5 V −85 −75 dB Common-Mode Rejection Ratio ±1 V −86 −79 dB |
同様の部品番号 - AD45048AR |
|
同様の説明 - AD45048AR |