データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD590M データシート(PDF) 4 Page - Analog Devices

部品番号 AD590M
部品情報  Two-Twrminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD590M データシート(HTML) 4 Page - Analog Devices

  AD590M Datasheet HTML 1Page - Analog Devices AD590M Datasheet HTML 2Page - Analog Devices AD590M Datasheet HTML 3Page - Analog Devices AD590M Datasheet HTML 4Page - Analog Devices AD590M Datasheet HTML 5Page - Analog Devices AD590M Datasheet HTML 6Page - Analog Devices AD590M Datasheet HTML 7Page - Analog Devices AD590M Datasheet HTML 8Page - Analog Devices AD590M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD590
Rev. C | Page 4 of 16
AD590L AND AD590M SPECIFICATIONS
Table 2. @ 25°C and VS = 5 V unless otherwise noted
AD590L
AD590M
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Operating Voltage Range
4
30
4
30
Volts
OUTPUT
Nominal Current Output @ 25°C (298.2K)
298.2
298.2
µA
Nominal Temperature Coefficient
1
1
µA/K
Calibration Error @ +25°C
±1.0
±0.5
°C
Absolute Error (over rated performance temperature range)
°C
Without External Calibration Adjustment
±3.0
±1.7
°C
With ± 25°C Calibration Error Set to Zero
±1.6
±1.0
°C
Nonlinearity
±0.4
±0.3
°C
Repeatability1
±0.1
±0.1
°C
Long-Term Drift2
±0.1
±0.1
°C
Current Noise
40
40
pA/
√Hz
Power Supply Rejection
4 V
≤ VS ≤ 5 V
0.5
0.5
µA/V
5 V
≤ VS ≤ 15 V
0.2
0.2
µA/V
15 V
≤ VS ≤ 30 V
0.1
0.1
µA/V
Case Isolation to Either Lead
1010
1010
Effective Shunt Capacitance
100
100
pF
Electrical Turn-On Time
20
20
µs
Reverse Bias Leakage Current3
(Reverse Voltage = 10 V)
10
10
pA
1 Maximum deviation between +25°C readings after temperature cycling between –55°C and +150°C; guaranteed, not tested.
2 Conditions: constant 5 V, constant 125°C; guaranteed, not tested.
3 Leakage current doubles every 10°C.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
+223°
–50°
+273°
+298°
+25°
+323°
+50°
+373°
+100°
+423°
+150°
–100°
+100°
+200°
+300°
+32°
+70°
+212°
°K
°C
°F
(
)
()
7
.
459
32
5
9
15
.
273
32
9
5
+
=
+
=
+
=
=
F
R
C
F
C
K
F
C
o
o
o
o
o
o
o
Figure 2. Temperature Scale Conversion Equations


同様の部品番号 - AD590M

メーカー部品番号データシート部品情報
logo
Analog Devices
AD590MF AD-AD590MF Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
AD590MF AD-AD590MF Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590MF AD-AD590MF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590MF AD-AD590MF Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590MF AD-AD590MF Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

同様の説明 - AD590M

メーカー部品番号データシート部品情報
logo
Analog Devices
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
   LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com