データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XZMDK45W データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 XZMDK45W
部品情報  3.5x2.8 mm SMD CHIP LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

XZMDK45W データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  XZMDK45W Datasheet HTML 1Page - List of Unclassifed Manufacturers XZMDK45W Datasheet HTML 2Page - List of Unclassifed Manufacturers XZMDK45W Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3.5x2.8 mm SMD CHIP LED LAMP
www.SunLED.com
part number:
XZMDK45W
Published Date : MAR 15,2005
Drawing No :XDSA0532
V4
Checked : B.L.LIU
P. 1/3
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
Features
SINGLE COLOR.
SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER
PROCESS.
AVAILABLE ON TAPE AND REEL.
IDEAL FOR BACKLIGHTING.
PACKAGE : 1500PCS / REEL.
RoHS COMPLIANT.
Absolute maximum ratings
(TA=25°C))))
MDK
(InGaAlP)
Unit
Reverse voltage
VR
5
V
Forward current
IF
30
mA
Forward current (peak)
1/10Duty cycle
0.1ms pulse width
iFS
185
mA
Power dissipation
PT
75
mW
Operating temperature
TA
-40 ~ +85
°C
Storage temperature
Tstg
-40 ~ +85
MDK
(InGaAlP)
Unit
Forward voltage (typ.)
(IF=20mA)
VF
1.95
V
Forward voltage (max.)
(IF=20mA)
VF
2.5
V
Reverse current
(VR=5V)
IR
10
uA
Wavelength at peak
emission
(IF=20mA)
λ peak
650
nm
Wavelength of Dominant
emission
(IF=20mA)
λ D
635
nm
Spectral Line half-width
(IF=20mA)
∆λ
28
nm
Capacitance
(VF=0V, f=1MHz)
C
35
pF
Operating Characteristics
(TA=25°C))))
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
XZMDK45W
Red
InGaAlP
Water Clear
70
198
650
120
°


同様の部品番号 - XZMDK45W

メーカー部品番号データシート部品情報
logo
SunLED Corporation
XZMDK45WT SUNLED-XZMDK45WT Datasheet
248Kb / 4P
   Long life and robust package
XZMDK45WT-9 SUNLED-XZMDK45WT-9 Datasheet
266Kb / 4P
   Long life and robust package
More results

同様の説明 - XZMDK45W

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
AA3528F3C KINGBRIGHT-AA3528F3C Datasheet
446Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528YC KINGBRIGHT-AA3528YC Datasheet
121Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-PLCC-G GILWAY-GHB-PLCC-G Datasheet
144Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AA3528PWC KINGBRIGHT-AA3528PWC Datasheet
162Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528EC KINGBRIGHT-AA3528EC Datasheet
137Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
AAA3529SES-L KINGBRIGHT-AAA3529SES-L Datasheet
219Kb / 6P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528AZGC KINGBRIGHT-AA3528AZGC Datasheet
282Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528ASRC KINGBRIGHT-AA3528ASRC Datasheet
276Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-PLCC-DR GILWAY-GHB-PLCC-DR Datasheet
155Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AA3528MBC KINGBRIGHT-AA3528MBC Datasheet
130Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528SURC KINGBRIGHT-AA3528SURC Datasheet
110Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com