データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE4117-I データシート(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

部品番号 PE4117-I
部品情報  PE series PCB safety isolation transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
ホームページ  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

PE4117-I データシート(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  PE4117-I Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE series PCB safety isolation transformer
Model:PE4117-I
Characteristics:
Vacuum Epoxy Encapsulated,PCB mounting,Pirmary voltage:
110V/220V/230V,or producing as customerized.
Technical Index:
Technical Index:PCB
Flame resistance :UL94-V0
Insulation class:B
Operation temperature:-30℃~+70℃
Work frequency:50Hz~60Hz
Dielectric strength:3.75KV 50Hz 1min
Technical Parameters table:
Dimension(in mm):
Primary voltage
Primary voltage range
Voltage regulation
Power
Temperature rising
No load loss
weight
110/220/230
±10
≤20
5
≤22
≤0.6
185
V
%
%
VA
W
g
Double
6V×2
7.5V×2
9V×2
12V×2
15V×2
18V×2
24V×2
Single
6V
7.5V
9V
12V
15V
18V
24V
Double
8.2V×2
10.3V×2
12.3V×2
15.8V×2
19V×2
23.3V×2
29V×2
Single
8.2V
10.3V
12.3V
15.8V
19V
23.3V
29V
Double
416.5mA×2
333mA×2
277.5mA×2
208mA×2
166.5mA×2
138.5mA×2
104mA×2
Single
833mA
666mA
555mA
416mA
333mA
277mA
208mA
www.yhdc.com
Email:yhdc@yhdc.com
1
5
7
9
6
7
9
10
1
5
5.08
5.08
10.16
0.6±0.02
20.32±0.3
33.02±0.5
7
6
9
5
1
10
φ2.5
44±0.5
Secondary voltage
Secondary full load current
Secondary no load voltage
Schematic Diagram:
Single output
Double output
Front View
Bottom View


同様の部品番号 - PE4117-I

メーカー部品番号データシート部品情報
logo
Beijing Yaohuadechang E...
PE4117-M YHDC-PE4117-M Datasheet
622Kb / 1P
   PE series PCB safety isolation transformer
More results

同様の説明 - PE4117-I

メーカー部品番号データシート部品情報
logo
Beijing Yaohuadechang E...
PE2815S-I YHDC-PE2815S-I Datasheet
640Kb / 1P
   PE series PCB safety isolation transformer
PE3015-M YHDC-PE3015-M Datasheet
632Kb / 1P
   PE series PCB safety isolation transformer
PE3022-M YHDC-PE3022-M Datasheet
688Kb / 1P
   PE series PCB safety isolation transformer
PE3518-I YHDC-PE3518-I Datasheet
628Kb / 1P
   PE series PCB safety isolation transformer
PE4110C-I YHDC-PE4110C-I Datasheet
687Kb / 1P
   PE series PCB safety isolation transformer
PE4117-M YHDC-PE4117-M Datasheet
622Kb / 1P
   PE series PCB safety isolation transformer
PE4809C-M YHDC-PE4809C-M Datasheet
624Kb / 1P
   PE series PCB safety isolation transformer
PE4820-I YHDC-PE4820-I Datasheet
6Mb / 1P
   PE series PCB safety isolation transformer
PE4820R-M YHDC-PE4820R-M Datasheet
4Mb / 1P
   PE series PCB safety isolation transformer
PE4825R-M YHDC-PE4825R-M Datasheet
598Kb / 1P
   PE series PCB safety isolation transformer
PE2812S-I YHDC-PE2812S-I Datasheet
1Mb / 1P
   PE series PCB safety isolation transformer
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com