データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H02N60J データシート(PDF) 1 Page - Hi-Sincerity Mocroelectronics

部品番号 H02N60J
部品情報  N-Channel Power Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HSMC [Hi-Sincerity Mocroelectronics]
ホームページ  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H02N60J データシート(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H02N60J Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H02N60J Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H02N60J Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H02N60J Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H02N60J Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H02N60J Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200403
Issued Date : 2004.07.01
Revised Date : 2005.07.14
Page No. : 1/6
H02N60I, H02N60J, H02N60E, H02N60F
HSMC Product Specification
H02N60 Series
N-Channel Power Field Effect Transistor
Description
This high voltage MOSFET uses an advanced termination scheme to
provide enhanced voltage-blocking capability without degratding
performance over time. In addition, this advanced MOSFET is designed to
withstand high energy in avalanche and commutation modes. The new
energy efficient design also offers a drain-to-source diode with a fast
recovery time. Designed for high voltage, high speed switching
applications in power supplies, converters and PWM motor controls,
these devices are particularly well suited for bridge circuits where diode
speed and commutating safe operating areas are critical and offer
additional and saafety margin against unexpected voltage transients.
Features
• Robust High Voltage Termination
• Avalanc he Energy Specified
• Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast
Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• I
DSS and VDS(on) Specified at Elevated Temperature
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
D
Drain to Current (Continuous)
2
A
I
DM
Drain to Current (Pulsed)
8
A
V
GS
Gate-to-Source Voltage (Continue)
±20
V
Total Power Dissipation (T
C=25
oC)
H02N60I (TO-251) / H02N60J (TO-252)
H02N60E (TO-220AB)
H02N60F (TO-220FP)
50
50
25
W
P
D
Derate above 25
°C
H02N60I (TO-251) / H02N60J (TO-252)
H02N60E (TO-220AB)
H02N60F (TO-220FP)
0.4
0.4
0.33
W/
°C
T
j, Tstg
Operating and Storage Temperature Range
-55 to 150
°C
E
AS
Single Pulse Drain-to-Source Avalanche Enrgy-Tj=25
°C
(V
DD=100V, VGS=10V, IL=2A, L=10mH, RG=25Ω)
35
mJ
T
L
Maximum Lead Temperature for Soldering Purposes, 1/8”
from case for 10 seconds
260
°C
H02N60 Series Pin Assignment
1
2
3
3-Lead Plastic TO-220FP
Package Code: F
Pin 1: Gate
Pin 2: Drain
Pin 3: Source
3-Lead Plastic TO-220AB
Package Code: E
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
1
2
3
Tab
3-Lead Plastic TO-252
Package Code: J
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
3-Lead Plastic TO-251
Package Code: I
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
1
2
3
Tab
1
2
3
Tab
H02N60 Series
Symbol:
G
D
S


同様の部品番号 - H02N60J

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
H02N60S HSMC-H02N60S Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60SE HSMC-H02N60SE Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60SF HSMC-H02N60SF Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60SI HSMC-H02N60SI Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60SJ HSMC-H02N60SJ Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
More results

同様の説明 - H02N60J

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
H06N60 HSMC-H06N60 Datasheet
71Kb / 6P
   N-Channel Power Field Effect Transistor
H01N45A HSMC-H01N45A Datasheet
44Kb / 4P
   N-Channel Power Field Effect Transistor
H01N60S HSMC-H01N60S Datasheet
62Kb / 5P
   N-Channel Power Field Effect Transistor
H03N60 HSMC-H03N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H07N65 HSMC-H07N65 Datasheet
168Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60S HSMC-H02N60S Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H05N60 HSMC-H05N60 Datasheet
60Kb / 5P
   N-Channel Power Field Effect Transistor
H07N60 HSMC-H07N60 Datasheet
61Kb / 5P
   N-Channel Power Field Effect Transistor
H01N60 HSMC-H01N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H02N65 HSMC-H02N65 Datasheet
171Kb / 6P
   N-Channel Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com