データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBPC2504W データシート(PDF) 1 Page - GeneSiC Semiconductor, Inc.

部品番号 KBPC2504W
部品情報  Single Phase Silicon Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENESIC [GeneSiC Semiconductor, Inc.]
ホームページ  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

KBPC2504W データシート(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  KBPC2504W Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. KBPC2504W Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. KBPC2504W Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 400 V
IO = 25 A
Features
KBPC-T/W Package
Mechanical Data
Parameter
Symbol
KBPC25005T/W KBPC2501T/W
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
KBPC25005T/W KBPC2501T/W
Unit
Maximum average forward rectified
current
IO
25
25
A
Peak forward surge current
IFSM
350
350
A
Maximum instantaneous forward
voltage per leg
1.1
1.1
5
5
500
500
Typical junction capacitance
1
Cj
300
300
pF
Thermal characteristics
Typical thermal resistance
2
RΘJC
1.9
1.9
°C/W
1 - Measured ay 1 MHz and applied reverse voltage of 4.0 V D.C.
2 - Device mounted on 300 mm x 300 mm x 1.6 mm Cu plate heatsink
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
500
-55 to 150
-55 to 150
-55 to 150
VF
1.1
1.1
KBPC2502T/W
5
Single Phase Silicon
Bridge Rectifier
• High efficiency
• Metal case
Case: Mounted in the bridge encapsulation
Conditions
• Not ESD Sensitive
• Silicon junction
Mounting: Hole for #10 screw
• Types from 50 V to 400 V V
RRM
KBPC25005T/W thru KBPC2504T/W
Tc = 25 °C
IF = 12.5 A
Conditions
KBPC2504T/W
200
140
KBPC2502T/W
-55 to 150
Maximum ratings at Tc = 25 °C, unless otherwise specified (KBPCXXXXT uses KBPC-T package while KBPCXXXXW
uses KBPC-W package)
Polarity: Marked on case
Maximum DC reverse current at
rated DC blocking voltage per leg
IR
Tc = 100 °C
μA
5
400
280
400
200
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Tc = 55 °C
25
25
8.3 ms half sine-wave
350
350
KBPC2504T/W
300
300
1.9
1.9
500
1
Oct. 2018
http://www.diodemodule.com/silicon_products/bridge_rectifiers/kbpc25005tw.pdf


同様の部品番号 - KBPC2504W

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
KBPC2504W WTE-KBPC2504W Datasheet
52Kb / 4P
   15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBPC2504W GENESIC-KBPC2504W Datasheet
334Kb / 3P
   Single Phase Silicon Bridge Rectifier
logo
EIC discrete Semiconduc...
KBPC2504W EIC-KBPC2504W Datasheet
315Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 03 :October 12, 2015
logo
Dc Components
KBPC2504W DCCOM-KBPC2504W Datasheet
426Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shunye Enterprise
KBPC2504W SHUNYE-KBPC2504W Datasheet
234Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

同様の説明 - KBPC2504W

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com