データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSL-1204-B02MC データシート(PDF) 2 Page - SICK AG

部品番号 DSL-1204-B02MC
部品情報  Plug connectors and cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SICK [SICK AG]
ホームページ  http://www.sick.com/
Logo SICK - SICK AG

DSL-1204-B02MC データシート(HTML) 2 Page - SICK AG

  DSL-1204-B02MC Datasheet HTML 1Page - SICK AG DSL-1204-B02MC Datasheet HTML 2Page - SICK AG DSL-1204-B02MC Datasheet HTML 3Page - SICK AG DSL-1204-B02MC Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DSL-1204-B02MC
Ordering information
Type
Part no.
DSL-1204-B02MC
6025929
Other models and accessories
www.sick.com/
CYJV
Cable Assembly
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connection cables
Connection type head A
Female connector, M12, 4-pin, angled
Connection type head B
Male connector, M12, 4-pin, straight
Connector material
TPU
Connector color
Black
Locking nut material
Zinc die-cast, nickel-plated
Tightening torque
0.5 Nm
Cable
2 m, PUR, halogen-free
Jacket material
PUR, halogen-free
Jacket color
Black
Cable diameter
4.7 mm
Conductor cross-section
0.34 mm²
Shielding
Unshielded
Bending radius
Flexible use > 10 x cable diameter
Stationary position > 5 x cable diameter
Bending cycles
≥ 2,000,000
Reference voltage
≤ 250 V
Current loading
4 A
Application
Zones with oils and lubricants
Drag chain operation
Authorizations
UL
UL File No.
CYJV.E335179
Enclosure rating
IP67
Ambient operating temperature
Flexible use –5 °C ... +80 °C
Stationary position –40 °C ... +80 °C
Head –25 °C ... +90 °C
2
| SICK
Online data sheet | 2019-01-29 21:21:18
Subject to change without notice


同様の部品番号 - DSL-1204-B02MC

メーカー部品番号データシート部品情報
logo
SICK AG
DSL-1204-B02MNI SICK-DSL-1204-B02MNI Datasheet
237Kb / 4P
   Plug connector cable
DSL-1204-B02MRN SICK-DSL-1204-B02MRN Datasheet
223Kb / 4P
   Plug connectors and cables
More results

同様の説明 - DSL-1204-B02MC

メーカー部品番号データシート部品情報
logo
SICK AG
DOL-0804-W05MRN SICK-DOL-0804-W05MRN Datasheet
258Kb / 4P
   Plug connectors and cables
DOL-1204-L25MRN SICK-DOL-1204-L25MRN Datasheet
275Kb / 4P
   Plug connectors and cables
DOL-1205-G10MRN SICK-DOL-1205-G10MRN Datasheet
240Kb / 4P
   Plug connectors and cables
DSL-1204-G0M6RN SICK-DSL-1204-G0M6RN Datasheet
241Kb / 4P
   Plug connectors and cables
SSL-1204-G02MZ90 SICK-SSL-1204-G02MZ90 Datasheet
217Kb / 4P
   Plug connectors and cables
DOL-1204-L10MRN SICK-DOL-1204-L10MRN Datasheet
275Kb / 4P
   Plug connectors and cables
DSL-0803-G05MC SICK-DSL-0803-G05MC Datasheet
221Kb / 4P
   Plug connectors and cables
DSL-0803-G10MC SICK-DSL-0803-G10MC Datasheet
221Kb / 4P
   Plug connectors and cables
DSL-1204-G02MRN SICK-DSL-1204-G02MRN Datasheet
232Kb / 4P
   Plug connectors and cables
DSL-1208-G0M1C SICK-DSL-1208-G0M1C Datasheet
265Kb / 4P
   Plug connectors and cables
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com