データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12026AD データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC12026AD
部品情報  1.1 GHz Dual Modulus Prescaler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12026AD データシート(HTML) 7 Page - ON Semiconductor

  MC12026AD Datasheet HTML 1Page - ON Semiconductor MC12026AD Datasheet HTML 2Page - ON Semiconductor MC12026AD Datasheet HTML 3Page - ON Semiconductor MC12026AD Datasheet HTML 4Page - ON Semiconductor MC12026AD Datasheet HTML 5Page - ON Semiconductor MC12026AD Datasheet HTML 6Page - ON Semiconductor MC12026AD Datasheet HTML 7Page - ON Semiconductor MC12026AD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC12026A
http://onsemi.com
7
PACKAGE DIMENSIONS
SO–8
D SUFFIX
CASE 751–07
ISSUE W
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER
SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN
EXCESS OF THE D DIMENSION AT MAXIMUM
MATERIAL CONDITION.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
–X–
–Y–
G
M
Y
M
0.25 (0.010)
–Z–
Y
M
0.25 (0.010)
Z
S
X S
M
___
_


同様の部品番号 - MC12026AD

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC12026AD MOTOROLA-MC12026AD Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026AD ONSEMI-MC12026AD Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026ADG ONSEMI-MC12026ADG Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026ADG ONSEMI-MC12026ADG Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
MC12026ADR2 ONSEMI-MC12026ADR2 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
More results

同様の説明 - MC12026AD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052 LANSDALE-ML12052 Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12034 LANSDALE-ML12034_08 Datasheet
550Kb / 5P
   2.0 GHz Dual Modulus Prescaler
ML12034 LANSDALE-ML12034 Datasheet
1Mb / 5P
   2.0 GHz Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com