データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU208A データシート(PDF) 2 Page - ON Semiconductor

部品番号 BU208A
部品情報  NPN SILICON POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BU208A データシート(HTML) 2 Page - ON Semiconductor

  BU208A Datasheet HTML 1Page - ON Semiconductor BU208A Datasheet HTML 2Page - ON Semiconductor BU208A Datasheet HTML 3Page - ON Semiconductor BU208A Datasheet HTML 4Page - ON Semiconductor BU208A Datasheet HTML 5Page - ON Semiconductor BU208A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BU208A
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage
(IC = 100 mAdc, L = 25 mH)
VCEO(sus)
700
Vdc
Collector Cutoff Current1
ALL TYPES
(VCE = rated VCES, VBE = 0)
ICES
1.0
mAdc
Emitter Base Voltage1
(IC = 0, IE = 10 mAdc)
(IC = 0, IE = 100 mAdc)
VEBO
5
7
Vdc
ON CHARACTERISTICS1
DC Current Gain
(IC = 4.5 Adc, VCE = 5 Vdc)
hFE
2.25
Collector–Emitter Saturation Voltage
(IC = 4.5 Adc, IB = 2 Adc)
VCE(sat)
1
Vdc
Base–Emitter Saturation Voltage
(IC = 4.5 Adc, IB = 2 Adc)
VBE(sat)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain Bandwidth Product
(IC = 0.1 Adc, VCE = 5 Vdc, ftest = 1 MHz)
fT
4
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1 MHz)
Cob
125
pF
SWITCHING CHARACTERISTICS
Storage Time (see test circuit fig. 1)
(IC = 4.5 Adc, IB1 = 1.8 Adc, LB = 10 µH)
ts
8
µs
Fall time (see test circuit fig. 1)
(IC = 4.5 Adc, IB1 = 1.8 Adc, LB = 10 µH)
tf
0.4
µs
1Pulse test: PW = 300
µs; Duty cycle v 2%.


同様の部品番号 - BU208A

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
BU208A MOSPEC-BU208A Datasheet
117Kb / 3P
   POWER TRANSISTORS(5.0A,1300-1500V,55W)
logo
Savantic, Inc.
BU208A SAVANTIC-BU208A Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Motorola, Inc
BU208A MOTOROLA-BU208A Datasheet
202Kb / 6P
   5.0 AMPERES NPN SILICON POWER TRANSISTOR 700 VOLTS
logo
New Jersey Semi-Conduct...
BU208A NJSEMI-BU208A Datasheet
157Kb / 3P
   HORIZONTAL DEFLECTION TRANSISTOR
logo
STMicroelectronics
BU208A STMICROELECTRONICS-BU208A Datasheet
78Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
More results

同様の説明 - BU208A

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com