データシートサーチシステム |
|
GS1545 データシート(PDF) 3 Page - Gennum Corporation |
|
GS1545 データシート(HTML) 3 Page - Gennum Corporation |
3 / 19 page GENNUM CORPORATION 522 - 28 - 00 3 DC ELECTRICAL CHARACTERISTICS VCC = 5V, VEE = 0V, TA = 0°C to 70°C, Data Rate = 1.485Gb/s. PARAMETER CONDITIONS SYMBOL MIN TYP MAX UNITS TEST LEVEL Positive Supply Voltage Operating range VCC 4.75 5.00 5.25 V 1 Power Consumption VCC = 5; TA = 25°CPD - 1250 - mW 5 Supply Current VCC = 5; TA = 25°C IS - 250 - mA 1 Output CM Voltage (SDO, SDO) VCM 3.75 4.0 4.25 V 5 Input DC Voltage (DDI, DDI)- 4.0 - V 1 Input DC Voltage (SDI, SDI)- 2.7 - V 1 Serial Inputs (DDI, DDI) Differential mode VSID 100 - 1000 mV 7 Common mode VCM 2.5+VSID/2 -VCC-VSID/2 V7 High Level Input Voltage (A/D, BYPASS) VCC = 5, TA = 25°CVIH 2.0 - - V 1 Low Level Input Voltage (A/D, BYPASS) VCC = 5, TA = 25°CVIL -- 0.8 V 1 High Level Output Voltage (D[19:0], PCLK) VCC = 5, TA = 25°C, ISOURCE = 1.0mA VOH 2.4 - 3.0 V 1 Low Level Output Voltage (D[19:0], PCLK) VCC = 5, TA = 25°C, ISINK = 1.0mA VOL -- 0.4 V 1 High Level Output Voltage (PLL_LOCK) VCC = 5, TA = 25°C, ISOURCE = 200µA VOH 3.0 - - V 1 Low Level Output Voltage (PLL_LOCK) VCC = 5, TA = 25°C, ISINK = 500µA VOL -- 0.4 V 1 Low Level Output Voltage (CD) ISINK = 500µA VOL -0.2 - V 1 CLI DC Voltage 1 meter, 800mV p-p Input - 3.3 - V 1 CLI DC Voltage (max cable length) 100 meters, 800mV p-p Input - 1.3 - V 1 MCLADJ DC Voltage 1 meter, 800mV p-p Input - 4.1 - V 1 MCLADJ DC Voltage (max cable length) 100 meters, 800mV p-p Input - 3.1 - V 1 TEST LEVELS 1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges. 2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using correlated test. 3. Production test at room temperature and nominal supply voltage. 4. QA sample test. 5. Calculated result based on Level 1,2, or 3. 6. Not tested. Guaranteed by design simulations. 7. Not tested. Based on characterization of nominal parts. 8. Not tested. Based on existing design/characterization data of similar product. |
同様の部品番号 - GS1545 |
|
同様の説明 - GS1545 |