データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1545-CQR データシート(PDF) 9 Page - Gennum Corporation

部品番号 GS1545-CQR
部品情報  HDTV Serial Digital Equalizing Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1545-CQR データシート(HTML) 9 Page - Gennum Corporation

Back Button GS1545-CQR Datasheet HTML 5Page - Gennum Corporation GS1545-CQR Datasheet HTML 6Page - Gennum Corporation GS1545-CQR Datasheet HTML 7Page - Gennum Corporation GS1545-CQR Datasheet HTML 8Page - Gennum Corporation GS1545-CQR Datasheet HTML 9Page - Gennum Corporation GS1545-CQR Datasheet HTML 10Page - Gennum Corporation GS1545-CQR Datasheet HTML 11Page - Gennum Corporation GS1545-CQR Datasheet HTML 12Page - Gennum Corporation GS1545-CQR Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
GENNUM CORPORATION
522 - 28 - 00
9
106
DDI_VTT
Analog
Input
Bias Input. Selectable input for interfacing standard ECL outputs
requiring 50
Ω pull down to V
TT power supply for a seamless interface.
See Typical Application Circuit for recommended circuit application.
108, 109
DDI, DDI
Differential
ECL/PECL
Input
Digital Data Input Signals. Digital input signals from a GS1504
Equalizer or HD crosspoint switch.
Because of on chip 50
Ω termination resistors, a PCB trace
characteristic impedance of 50
Ω is recommended.
110
PD_VCC
Power
Positive Supply. Phase detector most positive power supply
connection.
111
A/D
TTL
Input
Control Signal Input. Used to select between the SDI/SDI input or
DDI/DDI input.
When A/D is HIGH; the SDI/SDI input is selected.
When A/D is LOW; the DDI/DDI input is selected.
112
PDSUB_VEE
Power
Input
Substrate Connection. Connect to phase detector’s most negative
power supply.
113
PD_VEE
Power
Input
Negative Supply. Phase detector most negative power supply
connection.
117
EQI_VCC
Power
Input
Positive Supply. Most positive power supply connection for serial input
stage.
120, 126
EQI_VEE
Power
Input
Negative Supply. Most negative power supply connection for serial
input stage.
122, 124
SDI, SDI
Analog
Input
Serial Data Input Signals. AC coupled termination is recommended.
Single ended to differential conversion is also feasible. The SDI and
SDI input is selected when the A/D signal is high.
Ensure that the trace length between the input connector and the
GS1545 IC is kept to a minimum and that a PCB trace characteristic
impedance of 75
Ω is maintained between the connector and the
device.
PIN DESCRIPTIONS (Continued)
NUMBER
SYMBOL
LEVEL
TYPE
DESCRIPTION


同様の部品番号 - GS1545-CQR

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1545-CQR GENNUM-GS1545-CQR Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545-CQRE3 GENNUM-GS1545-CQRE3 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
More results

同様の説明 - GS1545-CQR

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com