データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM1145CE データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SM1145CE
部品情報  CMOS COMPATIBLE WITH TRI-STATE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

SM1145CE データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SM1145CE Datasheet HTML 1Page - List of Unclassifed Manufacturers SM1145CE Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telephone: (425) 776-1880, Fax: (425) 776-2760, e-mail: ple-sales@pletronics.com
O7A
SM1100C SERIES
n
n CMOS COMPATIBLE WITH TRI
−STATE OUTPUT
n
n SURFACE MOUNT OSCILLATORS IN PLASTIC PACKAGE
n
n LAND PATTERN COMPATIBLE TO OUR ENTIRE SM1100X SERIES AND EPSON SG615
STANDARD SPECIFICATIONS:
Frequency Range
1.000 MHz – 50.000 MHz (Consult factory for specific available frequencies)
Frequency Stability over Operating
Temperature Range
± 50 PPM is standard, but ± 25 PPM is also available for certain frequencies.
Operating Temperature Range
0 - 70
°C is standard, but can be extended to −40 to +85°C for
certain frequencies
1.000 MHz – 30.000 MHz
30.001 MHz – 50.000 MHz
SM1100CY
SM1100CY
SM1100CV
Operable Supply Voltage (Vcc)
5 Volt
± 10% or 3.3 Volt ± 10%
5 Volt
± 10% only
3.3 Volt
± 10% only
Symmetry (Duty Cycle)
(See next page for definition.)
40/60 - 60/40% is standard, but 45/55% symmetry at 50% of Vcc
is also available.
Input Current (Icc) & Rise and Fall Time
(Tr & Tf) & Jitter
Depends on frequency and output load. See next page.
Logic “1” & Logic “0” (See next page)
90% of Vcc MIN.; 10% of Vcc MAX.
Output Load
15 pF is standard. Contact factory for heavier loads.
Tri-state Output
Normal output when pin #1 is open (no connection);
Normal output when pin #1 is at logic “1”;
High-Impedance Output when pin #1 is at logic “0”.
Packaging (see page R1, Figure 2)
24 mm tape, 330 mm reel: 1000 parts per reel.
For quantities <250: 23 parts per tube.
PART NUMBERING GUIDE:
n
n The Pletronics part number for an SM1100C series oscillator consists of the following 3 elements:
1.
Overall Frequency Stability over Operating Temperature Range:
SM1145C:
± 50 PPM;
SM1144C:
± 25 PPM
2.
Optional Alphabet Designator for Special Requirement:
SM1100CY: standard specifications;
SM1145CE: operating temperature range of -40 to +85
°C;
SM1100CS: 45/55% symmetry at 50% of Vcc;
SM1100CV: operates at Vcc = 3.3V (only needed for over 30.000MHz)
(There are other alphabet designators not listed here.)
3.
Frequency of Operation in MHz
EXAMPLES: SM1145CV-50.000 MHz; SM1145CS-10.000 MHz; SM1144CE-50.000 MHz
n
n When customer’s requirements are non-standard, a special engineering part number will be assigned.
(continued)


同様の部品番号 - SM1145CE

メーカー部品番号データシート部品情報
logo
Pletronics, Inc.
SM1145BDE PLETRONICS-SM1145BDE Datasheet
202Kb / 2P
   CMOS with Enable/ Disable, 3rd Overtone Crystal Used
SM1145BDS PLETRONICS-SM1145BDS Datasheet
202Kb / 2P
   CMOS with Enable/ Disable, 3rd Overtone Crystal Used
SM1145BDV PLETRONICS-SM1145BDV Datasheet
202Kb / 2P
   CMOS with Enable/ Disable, 3rd Overtone Crystal Used
SM1145BDW PLETRONICS-SM1145BDW Datasheet
202Kb / 2P
   CMOS with Enable/ Disable, 3rd Overtone Crystal Used
SM1145BDX PLETRONICS-SM1145BDX Datasheet
202Kb / 2P
   CMOS with Enable/ Disable, 3rd Overtone Crystal Used
More results

同様の説明 - SM1145CE

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SM7700H ETC1-SM7700H Datasheet
76Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
Connor-Winfield Corpora...
S13R8R CONNOR-WINFIELD-S13R8R Datasheet
66Kb / 1P
   TTL COMPATIBLE TRI-STATE OUTPUT
HC17R5R CONNOR-WINFIELD-HC17R5R Datasheet
62Kb / 1P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC145R CONNOR-WINFIELD-HC145R Datasheet
59Kb / 1P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC54R8R CONNOR-WINFIELD-HC54R8R Datasheet
83Kb / 2P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC524R CONNOR-WINFIELD-HC524R Datasheet
61Kb / 1P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC13R8R CONNOR-WINFIELD-HC13R8R Datasheet
84Kb / 2P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC62R8R CONNOR-WINFIELD-HC62R8R Datasheet
64Kb / 1P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
JHC13R8R CONNOR-WINFIELD-JHC13R8R Datasheet
69Kb / 1P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
JHC15R8RC CONNOR-WINFIELD-JHC15R8RC Datasheet
65Kb / 1P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com