データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13192SARDUG データシート(PDF) 10 Page - Freescale Semiconductor, Inc

部品番号 MC13192SARDUG
部品情報  Sensor Applications Reference Design (SARD)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13192SARDUG データシート(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC13192SARDUG Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
x
Sensor Applications Reference Design (SARD) User’s Guide
MOTOROLA
Definitions, Acronyms, and Abbreviations
The following list defines the acronyms and abbreviations used in this document. As this template
develops, this list will be generated from the document. As we develop more group resources, these
acronyms will be easily defined from a common acronym dictionary. Please note that while the acronyms
are in solid caps, terms in the definition should be initial capped ONLY IF they are trademarked names or
proper nouns.
ISM
Industrial Scientific Medical
PER
packet error rate
RF
radio frequency
Rx
receive
SPI
serial peripheral interface
Tx
transmit
References
The following sources were referenced to produce this book:
[1] ESD Style Guide.
[2] IEEE Guide to Software Requirements Specifications, July1984
Document Change History
Release
Date
Change Summary
0.1
May 21, 2004
Initial document creation.
0.2
May 24, 2004
Multiple edits, new lo resolution board picture, new BOM.
0.3
May 27, 2004
Multiple edits.
0.4
June 18, 2004
Updated BOM, PCB layouts, and text edits throughout.
0.5
June 21, 2004
Removed 191 references, changed to UG
Freescale Semiconductor, Inc.


同様の部品番号 - MC13192SARDUG

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13192 FREESCALE-MC13192 Datasheet
340Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192FC FREESCALE-MC13192FC Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192FC FREESCALE-MC13192FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

同様の説明 - MC13192SARDUG

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
UG124 SILABS-UG124 Datasheet
496Kb / 18P
   ZigBee Contact Sensor Reference Design Kit
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com