データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ABS210F データシート(PDF) 2 Page - Bytesonic Electronics Co., Ltd.

部品番号 ABS210F
部品情報  Surface Mount Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BYTESONIC [Bytesonic Electronics Co., Ltd.]
ホームページ  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

ABS210F データシート(HTML) 2 Page - Bytesonic Electronics Co., Ltd.

  ABS210F Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. ABS210F Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
10
20
30
40
50
60
70
1
10
100
0.1
1
10
100
20
40
60
80
100
TJ=75°C
TJ=25°C
TJ=100C
TJ=125°C
Fig. 3 - Typical Reverse Characteristics
Fig. 2 - Maximum Non-Repetitive Surge Current
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage (%)
8.3mS Single Half-Sine-Wave
(JEDEC METOD)
The typical data above is for reference only .
2 4
2 0
6
1 2
8
4
50
100
150
0 .00
0 .
0 .
.
1 .
.
.
FI G .1 FORWARD CURRENT DERATING CURVE
SINGLE PHASE HALF W AVE 60Hz
RESISTIVE OR INDUC TIVE LOAD
AMBIENT TEMPERATURE (
)
RATINGS AND CHARACTERISTIC CURVES
(ABS210F)
FIG. 4 TYPICAL FORWARD CHARACTERISTIC
0.1
1.0
.01
10
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0
1.2
1.4
2.0
Tj=25 C
3.0
Version 1.1
2018/12/25
http://www.bytesonic.com
.tw


同様の部品番号 - ABS210F

メーカー部品番号データシート部品情報
logo
Thinki Semiconductor Co...
ABS210 THINKISEMI-ABS210 Datasheet
457Kb / 2P
   2.0 Ampere Surface Mount Miniature Bridge Rectifier
logo
Diodes Incorporated
ABS210 DIODES-ABS210 Datasheet
337Kb / 5P
   2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
ABS210 FS-ABS210 Datasheet
381Kb / 2P
   Bridge Rectifier
logo
Nanjing International G...
ABS210 DGNJDZ-ABS210 Datasheet
366Kb / 2P
   Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shanghai Shunye Electro...
ABS210 SHUNYE-ABS210 Datasheet
364Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

同様の説明 - ABS210F

メーカー部品番号データシート部品情報
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Weitron Technology
DF005S WEITRON-DF005S Datasheet
295Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
DF15005S WEITRON-DF15005S Datasheet
281Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
logo
HY ELECTRONIC CORP.
B05S HY-B05S Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DF005S HY-DF005S Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
B05SA HY-B05SA Datasheet
164Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DF2005S HY-DF2005S_17 Datasheet
147Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DB201S HY-DB201S_17 Datasheet
147Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
DB101S HY-DB101S_17 Datasheet
142Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
FABS205 HY-FABS205 Datasheet
326Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
DF15005S HY-DF15005S_V01 Datasheet
371Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com