データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV038 データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 MTV038
部品情報  On-Screen Display Controller for CRT/LCD Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

MTV038 データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MTV038 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV038 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV038 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV038 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV038 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV038 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV038 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV038 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV038 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Revision 1.1
-7-
2001/8/21
MTV038
(Revision 1.1)
MYSON
TECHNOLOGY
acters and the remaining dots for blank region. The horizontal delay starting from HFLB leading edge is calcu-
lated with the following equation,
For CRT:
Horizontal delay time = ( HORD * 6 + 49) * P - phase error detection pulse width
Where P = One pixel display time = One horizontal line display time / (HORR*12)
For LCD:
Horizontal delay time = ( HORD * 6 + 49) * P
Where P = 1 XIN pixel display time
3.5 Phase lock loop (PLL)
On-chip PLL generates system clock timing (VCLK) by tracking the input HFLB and horizontal resolution reg-
ister (HORR). The frequency of VCLK is determined by the following equation:
VCLK Freq = HFLB Freq * HORR * 12
The VCLK frequency ranges from 6MHz to 150MHz selected by (VCO1, VCO0). In addition, when HFLB input
is not present to MTV038, the PLL will generate a specific system clock, approximately 2.5MHz, by a built-in
oscillator to ensure data integrity.
3.6 Display & Row control registers
The internal RAM contains display and row control registers. The display registers have 450 locations which
are allocated between (row 0, column 0) to (row 14, column 29), as shown in Figure 4 and Figure 5. Each dis-
play register has its corresponding character address on ADDRESS byte, its corresponding background color,
button box format, 1 blink bit and its corresponding color bits on ATTRIBUTE bytes. The row control register is
allocated at column 30 for row 0 to row 14 of attribute bytes, it is used to select background color or button box
and set character size to each respective row. If double width character is chosen, only even column charac-
ters could be displayed on screen and the odd column characters will be hidden.
FIGURE 4. Address Bytes of Display Registers Memory Map
ROW #
COLUMN #
0 1
28 29
30
31
0
1
13
14
CHARACTER ADDRESS BYTES
of DISPLAY REGISTERS
ROW
ATTRIBUTE
CRTL REG
R
E
S
E
R
V
E
D


同様の部品番号 - MTV038

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV030 ETC-MTV030 Datasheet
372Kb / 21P
   On-Screen Display with Auto-Sizing Controller
More results

同様の説明 - MTV038

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
   On-Screen-Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com