データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FCS40 データシート(PDF) 3 Page - XP Power Limited

部品番号 FCS40
部品情報  AC-DC Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XPPOWER [XP Power Limited]
ホームページ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FCS40 データシート(HTML) 3 Page - XP Power Limited

  FCS40 Datasheet HTML 1Page - XP Power Limited FCS40 Datasheet HTML 2Page - XP Power Limited FCS40 Datasheet HTML 3Page - XP Power Limited FCS40 Datasheet HTML 4Page - XP Power Limited FCS40 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PREL
IMINA
RY
EMC: Emissions
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-25
+70
°C
See derating curve, fig.1
Storage Temperature
-40
+85
°C
Humidity
5
95
%RH
Non-condensing
Operating Altitude
5000/4000
m
ITE/Medical
Shock
±3 x 30g shocks in each plane, total 18 shocks. 30g = 11ms (+/- 0.5msecs), half sine. Conforms to EN60068-2-27
Vibration
Single axis 10-500 Hz at 2g sweep and endurance at resonance in all 3 planes. Conforms to EN60068-2-6
-25 -20
0
+70
+50
50
100
Ambient Temperature (ºC)
0
Figure 1
Temperature Derating Curve
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55011/32
Class B
Radiated
EN55011/32
Class A
Class B with Wurth Electronics 742 700 91 with 4 turns on AC Input
Harmonic Current
EN61000-3-2
Class A
Voltage Functions
EN61000-3-3
FCS40 Series
www.xppower.com
AC-DC Power Supplies
3
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
84
%
115/230 VAC, 100% load
Isolation: Input to Output
Input to Ground
Output to Ground
4000
VAC
2 MOPP
1500
VAC
1 MOPP
500
VAC
1 MOPP at output voltage
Power Density
6.4
W/in3
Mean Time Between Failure
500
kHrs
MIL-HDBK-217F, Notice 2 +25 °C GB
Weight
0.19 (86.0)
lb(g)
Notes
FCS40US12 ripple and noise is <1.5% from -25 °C to 0 °C reducing to <1% after 1 minute warm up.


同様の部品番号 - FCS40

メーカー部品番号データシート部品情報
logo
Adam Technologies, Inc.
FCS40SG ADAM-TECH-FCS40SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
More results

同様の説明 - FCS40

メーカー部品番号データシート部品情報
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com