データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC53401 データシート(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC53401
部品情報  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53401 データシート(HTML) 26 Page - Texas Instruments

Back Button DAC53401 Datasheet HTML 22Page - Texas Instruments DAC53401 Datasheet HTML 23Page - Texas Instruments DAC53401 Datasheet HTML 24Page - Texas Instruments DAC53401 Datasheet HTML 25Page - Texas Instruments DAC53401 Datasheet HTML 26Page - Texas Instruments DAC53401 Datasheet HTML 27Page - Texas Instruments DAC53401 Datasheet HTML 28Page - Texas Instruments DAC53401 Datasheet HTML 29Page - Texas Instruments DAC53401 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
26
DAC53401, DAC43401
SLASES7 – JULY 2019
www.ti.com
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 17. Register Names
ADDRESS
ACRONYM
REGISTER NAME
SECTION
D0h
STATUS
STATUS
STATUS Register (address = D0h) (reset = 000Ch or 0014h)
D1h
GENERAL_CONFIG
GENERAL_CONFIG
GENERAL_CONFIG Register (address = D1h) (reset = 11F0h)
D2h
MED_ALARM_CONFIG
MED_ALARM_CONFIG
MED_ALARM_CONFIG Register (address = D2h) (reset = 0000h)
D3h
TRIGGER
TRIGGER
TRIGGER Register (address = D3h) (reset = 0000h)
21h
DAC_DATA
DAC_DATA
DAC_DATA Register (address = 21h) (reset = 0000h)
25h
DAC_MARGIN_HIGH
DAC_MARGIN_HIGH
DAC_MARGIN_HIGH Register (address = 25h) (reset = 0000h)
26h
DAC_MARGIN_LOW
DAC_MARGIN_LOW
DAC_MARGIN_LOW Register (address = 26h) (reset = 0000h)
01h
PMBUS_OPERATION
PMBUS_OP
PMBUS_OPERATION Register (address = 01h) (reset = 0000h)
78h
PMBUS_STATUS_BYTE
PMBUS_STATUS_BYTE
PMBUS_STATUS_BYTE Register (address = 78h) (reset =
0000h)
98h
PMBUS_VERSION
PMBUS_VERSION
PMBUS_VERSION Register (address = 98h) (reset = 2200h)


同様の部品番号 - DAC53401

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC53401 TI1-DAC53401 Datasheet
1Mb / 43P
[Old version datasheet]   DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI-DAC53401 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI-DAC53401 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
More results

同様の説明 - DAC53401

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC53401 TI1-DAC53401_V01 Datasheet
1Mb / 43P
[Old version datasheet]   DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1_V01 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
[Old version datasheet]   DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1_V01 Datasheet
2Mb / 56P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
logo
Microchip Technology
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
   8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
logo
Texas Instruments
DAC53608 TI1-DAC53608 Datasheet
430Kb / 32P
[Old version datasheet]   Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
[Old version datasheet]   DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com