データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317M データシート(PDF) 1 Page - ON Semiconductor

部品番号 LM317M
部品情報  Three-Terminal Adjustable Output Positive Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317M データシート(HTML) 1 Page - ON Semiconductor

  LM317M Datasheet HTML 1Page - ON Semiconductor LM317M Datasheet HTML 2Page - ON Semiconductor LM317M Datasheet HTML 3Page - ON Semiconductor LM317M Datasheet HTML 4Page - ON Semiconductor LM317M Datasheet HTML 5Page - ON Semiconductor LM317M Datasheet HTML 6Page - ON Semiconductor LM317M Datasheet HTML 7Page - ON Semiconductor LM317M Datasheet HTML 8Page - ON Semiconductor LM317M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2004
August, 2004 − Rev. 12
1
Publication Order Number:
LM317M/D
LM317M
500 mA Adjustable Output,
Positive Voltage Regulator
The LM317M is an adjustable three−terminal positive voltage
regulator capable of supplying in excess of 500 mA over an output
voltage range of 1.2 V to 37 V. This voltage regulator is exceptionally
easy to use and requires only two external resistors to set the output
voltage. Further, it employs internal current
limiting, thermal
shutdown and safe area compensation, making it essentially blow−out
proof.
The LM317M serves a wide variety of applications including local,
on−card regulation. This device also makes an especially simple
adjustable switching regulator, a programmable output regulator, or by
connecting a fixed resistor between the adjustment and output, the
LM317M can be used as a precision current regulator.
Features
Output Current in Excess of 500 mA
Output Adjustable between 1.2 V and 37 V
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe−Area Compensation
Floating Operation for High Voltage Applications
Eliminates Stocking Many Fixed Voltages
Pb−Free Packages are Available
Figure 1. Simplified Application
* = Cin is required if regulator is located an appreciable distance from power supply filter.
** = CO is not needed for stability, however, it does improve transient response.
Since IAdj is controlled to less than 100 mA, the error associated with this
term is negligible in most applications.
LM317M
Vin
Vout
R1
240
R2
Adjust
IAdj
*
Cin
0.1
mF
**
+ C
O
1.0
mF
Vin
Vout
Vout + 1.25 V 1 )
R2
R1
) IAdj R2
TO−220AB
T SUFFIX
CASE 221A
1
2
3
PIN ASSIGNMENT
1
2
3Vin
Adjust
Vout
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
1
2
3
Heatsink Surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
SOT−223
ST SUFFIX
CASE 318E
DPAK
DT SUFFIX
CASE 369C
Heatsink surface
connected to Pin 2
http://onsemi.com
1 2
3
4
See general marking information in the device marking
section on page 13 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com


同様の部品番号 - LM317M

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM317M STMICROELECTRONICS-LM317M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
E-Tech Electronics LTD
LM317M ETL-LM317M Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
logo
Fairchild Semiconductor
LM317M FAIRCHILD-LM317M Datasheet
224Kb / 8P
   3-Terminal 0.5A Positive Adjustable Regulator
More results

同様の説明 - LM317M

メーカー部品番号データシート部品情報
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com