データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16832DGG データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74ALVCH16832DGG
部品情報  7-bit to 28-bit address register/driver with 3-state outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16832DGG データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVCH16832DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16832DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16832DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16832DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16832DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16832DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16832DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16832DGG Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16832DGG Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product data
74ALVCH16832
7-bit to 28-bit address register/driver with
3-state outputs
2001 Dec 14
8
From Output
Under Test
Load Circuit
Open
GND
TEST
S1
tpd
tPLZ/tPZL
Open
2
× VCC
tPHZ/tPZH
GND
SV01849
500
CL = 30 pF
(see Note A)
500
2
× VCC
PARAMETER MEASUREMENT INFORMATION
VCC = 2.5 V ± 0.2 V
Timing
Input
VCC/2
VCC
0 V
VCC
0 V
VCC/2
VCC/2
tsu
th
Voltage Waveforms
Setup and Hold Times
VCC
0 V
VCC/2
VCC/2
tw
Data
Input
Input
Voltage Waveforms
Pulse Duration
VCC
0 V
Input
VCC/2
VCC/2
tPLH
VOH
VOL
VCC/2
VCC/2
tPHL
Output
Voltage Waveforms
Propagation Delay Times
VCC
0 V
Output
Control
(low-level
enabling)
VCC/2
VCC/2
VCC
VOL
VOL + 0.15 V
tPZL
tPLZ
VCC/2
VOH
0 V
VOH – 0.15 V
VCC/2
tPZH
tPHZ
Voltage Waveforms
Enable and Disable Times
Output
Waveform 1
S1 at 2 x VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
S1
Figure 2. Load circuit and voltage waveforms
NOTES:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.


同様の部品番号 - 74ALVCH16832DGG

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ALVCH16832DGGRE4 TI1-74ALVCH16832DGGRE4 Datasheet
299Kb / 11P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH16832DGGRG4 TI1-74ALVCH16832DGGRG4 Datasheet
299Kb / 11P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH16832DGG

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALVCH162832 TI-SN74ALVCH162832 Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI1-SN74ALVCH162831_11 Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162831 TI-SN74ALVC162831 Datasheet
125Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI1-SN74ALVCH162832_10 Datasheet
118Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162831 RENESAS-HD74ALVCH162831 Datasheet
2Mb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16344 PERICOM-PI74ALVCH16344 Datasheet
466Kb / 7P
   1-Bit to 4-Bit Address/Driver with 3-State Outputs
logo
Hitachi Semiconductor
HD74ALVCH162830 HITACHI-HD74ALVCH162830 Datasheet
55Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162830 TI-SN74ALVCH162830 Datasheet
112Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com