データシートサーチシステム |
|
LM239N データシート(PDF) 2 Page - ON Semiconductor |
|
LM239N データシート(HTML) 2 Page - ON Semiconductor |
2 / 8 page LM339, LM339A, LM239, LM239A, LM2901, M2901V, MC3302 http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (VCC = +5.0 Vdc, TA = +25°C, unless otherwise noted) LM239A/339A LM239/339 LM2901/2901V MC3302 Characteristic Symbol Min Typ Max Min Typ Max Min Typ Max Min Typ Max Unit Input Offset Voltage (Note 4) VIO – ±1.0 ±2.0 – ±2.0 ±5.0 – ±2.0 ±7.0 – ±3.0 ±20 mVdc Input Bias Current (Notes 4, 5) IIB – 25 250 – 25 250 – 25 250 – 25 500 nA (Output in Analog Range) Input Offset Current (Note 4) IIO – ±5.0 ±50 – ±5.0 ±50 – ±5.0 ±50 – ±3.0 ±100 nA Input Common Mode Voltage Range VICMR 0 – VCC –1.5 0 – VCC –1.5 0 – VCC –1.5 0 – VCC –1.5 V Supply Current ICC mA RL = ∞ (For All Comparators) – 0.8 2.0 – 0.8 2.0 – 0.8 2.0 – 0.8 2.0 RL = ∞, VCC = 30 Vdc – 1.0 2.5 – 1.0 2.5 – 1.0 2.5 – 1.0 2.5 Voltage Gain AVOL 50 200 – 50 200 – 25 100 – 25 100 – V/mV RL ≥ 15 kΩ, VCC = 15 Vdc Large Signal Response Time – – 300 – – 300 – – 300 – – 300 – ns VI = TTL Logic Swing, Vref = 1.4 Vdc, VRL = 5.0 Vdc, RL = 5.1 kΩ Response Time (Note 6) – – 1.3 – – 1.3 – – 1.3 – – 1.3 – µs VRL = 5.0 Vdc, RL = 5.1 kΩ Output Sink Current ISink 6.0 16 – 6.0 16 – 6.0 16 – 6.0 16 – mA VI (–) ≥ +1.0 Vdc, VI(+) = 0, VO ≤ 1.5 Vdc Saturation Voltage Vsat – 130 400 – 130 400 – 130 400 – 130 500 mV VI(–) ≥ +1.0 Vdc, VI(+) = 0, Isink ≤ 4.0 mA Output Leakage Current IOL – 0.1 – – 0.1 – – 0.1 – – 0.1 – nA VI(+) ≥ +1.0 Vdc, VI(–) = 0, VO = +5.0 Vdc PERFORMANCE CHARACTERISTICS (VCC = +5.0 Vdc, TA = Tlow to Thigh [Note 3]) LM239A/339A LM239/339 LM2901/2901V MC3302 Characteristic Symbol Min Typ Max Min Typ Max Min Typ Max Min Typ Max Unit Input Offset Voltage (Note 4) VIO – – ±4.0 – – ±9.0 – – ±15 – – ±40 mVdc Input Bias Current (Notes 4, 5) IIB – – 400 – – 400 – – 500 – – 1000 nA (Output in Analog Range) Input Offset Current (Note 4) IIO – – ±150 – – ±150 – – ±200 – – ±300 nA Input Common Mode Voltage Range VICMR 0 – VCC –2.0 0 – VCC –2.0 0 – VCC –2.0 0 – VCC –2.0 V Saturation Voltage Vsat – – 700 – – 700 – – 700 – – 700 mV VI(–) ≥ +1.0 Vdc, VI(+) = 0, Isink ≤ 4.0 mA Output Leakage Current IOL – – 1.0 – – 1.0 – – 1.0 – – 1.0 µA VI(+) ≥ +1.0 Vdc, VI(–) = 0, VO = 30 Vdc Differential Input Voltage VID – – VCC – – VCC – – VCC – – VCC Vdc All VI ≥ 0 Vdc NOTES: 3. (LM239/239A) Tlow = –25°C, Thigh = +85° (LM339/339A) Tlow = 0°C, Thigh = +70°C (MC3302) Tlow = –40°C, Thigh = +85°C (LM2901) Tlow = –40°C, Thigh = +105° (LM2901V) Tlow = –40°C, Thigh = +125°C 4. At the output switch point, VO ] 1.4 Vdc, RS ≤ 100 Ω 5.0 Vdc ≤ VCC ≤ 30 Vdc, with the inputs over the full common mode range (0 Vdc to VCC –1.5 Vdc). 5. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant, independent of the output state. 6. The response time specified is for a 100 mV input step with 5.0 mV overdrive. For larger signals, 300 ns is typical. |
同様の部品番号 - LM239N |
|
同様の説明 - LM239N |