データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS18LV02565AAI-55 データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 CS18LV02565AAI-55
部品情報  HIGH SPEED SUPER LOW POWER SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565AAI-55 データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS18LV02565AAI-55 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS18LV02565AAI-55 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV02565AAI-55 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV02565AAI-55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV02565AAI-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565AAI-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565AAI-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565AAI-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV02565AAI-55 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
6
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
DC ELECTRICAL CHARACTERISTICS
( TA = 0
o ~70oC, Vcc = 5.0V)
Name
Parameter
Test Condition
MIN
TYP(1)
MAX Unit
VIL
Guaranteed Input Low
Voltage
(2)
Vcc=5.0V
-0.5
1.5
V
VIH
Guaranteed Input High
Voltage
(2)
Vcc=5.0V
2.5
Vcc+0.2
V
IIL
Input Leakage Current
VCC=MAX, VIN=0 to VCC
-1
1
uA
IOL
Output Leakage Current
VCC=MAX, /CE=VIN, or
/OE=VIN , VIO=0V to VCC
-1
1
uA
VOL
Output Low Voltage
VCC=MAX, IOL = 1mA
0.4
V
VOH
Output High Voltage
VCC=MIN, IOH = -1mA
2.2
V
ICC
Operating Power Supply
Current
/CE=VIL, IDQ=0mA,
F=FMAX =1/ tRC
20
mA
ICCSB TTL Standby Supply
/CE=VIH, IDQ=0mA,
1
mA
ICCSB1 CMOS Standby Current
/CE≧VCC-0.2V, VIN
VCC-0.2V or VIN≦0.2V,
1.0
4
uA
1. Typical characteristics are at TA = 25
oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
DATA RETENTION CHARACTERISTICS ( TA = 0o ~70oC, Vcc = 5.0V )
Name
Parameter
Test Condition
MIN TYP(1) MAX
Unit
VDR
VCC for Data Retention
/CE ≧ VCC-0.2V, VIN
VCC-0.2V or VIN≦0.2V
1.5
V
ICCDR
Data Retention Current
/CE≧VCC-0.2V, VIN
VCC-0.2V or VIN≦0.2V
0.5
3
uA
TCDR
Chip Deselect to Data
Retention Time
0
ns
tR
Operation Recovery Time
Refer to
Retention Waveform
tRC (2)
ns
1. TA = 25
oC.
2.
tRC= .Read Cycle Time.


同様の部品番号 - CS18LV02565AAI-55

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245CC ETC1-CS18LV10245CC Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245CI ETC1-CS18LV10245CI Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245DC ETC1-CS18LV10245DC Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245DI ETC1-CS18LV10245DI Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
More results

同様の説明 - CS18LV02565AAI-55

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
   High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
List of Unclassifed Man...
CS18LV20483 ETC1-CS18LV20483 Datasheet
757Kb / 16P
   High Speec Super Low Power SRAM
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV1601 BSI-BH62UV1601_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV8000 BSI-BH62UV8000 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
logo
Fuji Electric
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com