データシートサーチシステム |
|
MSAU309 データシート(PDF) 3 Page - Minmax Technology Co., Ltd. |
|
MSAU309 データシート(HTML) 3 Page - Minmax Technology Co., Ltd. |
3 / 5 page K Hours --- --- 2000 MIL-HDBK-217F @ 25], Ground Benign MTBF KHz 120 100 70 Switching Frequency pF 100 60 --- 100KHz,1V Isolation Capacitance G[ --- --- 10 500VDC Isolation Resistance VDC --- --- 3300 Flash Tested for 1 Second Isolation Voltage Test VDC --- --- 3000 60 Seconds Isolation Voltage Rated Unit Max. Typ. Min. Conditions Parameter General Specifications 0.5 Second Max. Output Short Circuit %/] {0.02 {0.01 --- Temperature Coefficient % --- --- 120 Over Load mV rms 5 --- --- Ripple & Noise (20MHz) mV P-P 150 --- --- Over Line, Load & Temp. Ripple & Noise (20MHz) mV P-P 75 50 --- Ripple & Noise (20MHz) % See Model Selection Guide Io=20% to 100% Load Regulation % {1.5 {1.2 --- For Vin Change of 1% Line Regulation % {1.0 {0.1 --- Dual Output, Balanced Loads Output Voltage Balance % {4.0 {1.5 --- Output Voltage Accuracy Unit Max. Typ. Min. Conditions Parameter Output Specifications # For each output uF 2.2 2.2 10 4.7 4.7 33 Maximum Capacitive Load Unit {15V # {12V # {5V # 15V 12V 5V Models by Vout Capacitive Load 100mA Slow - Blow Type 200mA Slow - Blow Type 500mA Slow - Blow Type 24V Input Models 12V Input Models 5V Input Models Input Fuse Selection Guide Derating Curve 〜 ] Ambient Temperature 0 20 40 60 80 100 -40 50 60 80 100 110 90 70 400LFM 200LFM 100LFM Natural convection MSAU300 Series REV:0 2005/04 MINMAX 3 |
同様の部品番号 - MSAU309 |
|
同様の説明 - MSAU309 |