データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVE111 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC100LVE111
部品情報  LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVE111 データシート(HTML) 2 Page - ON Semiconductor

  MC100LVE111 Datasheet HTML 1Page - ON Semiconductor MC100LVE111 Datasheet HTML 2Page - ON Semiconductor MC100LVE111 Datasheet HTML 3Page - ON Semiconductor MC100LVE111 Datasheet HTML 4Page - ON Semiconductor MC100LVE111 Datasheet HTML 5Page - ON Semiconductor MC100LVE111 Datasheet HTML 6Page - ON Semiconductor MC100LVE111 Datasheet HTML 7Page - ON Semiconductor MC100LVE111 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC100LVE111
http://onsemi.com
2
1
56
789
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
VEE
NC
IN
VCC
IN
VBB
NC
Q3
Q3
Q4
VCCO
Q4
Q5
Q5
28-Lead PLCC
(Top View)
Q0
Q0 Q1 VCCO Q1
Q2
Q2
Q8
Q7
Q6
Q8
VCCO Q7
Q6
PIN DESCRIPTION
FUNCTION
ECL Differential Input Pair
ECL Differential Outputs
Reference Voltage Output
Positive Supply
Negative Supply
No Connect
PIN
IN, IN
Q0, Q0–Q8, Q8
VBB
VCC, VCCO
VEE
NC
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
IN
IN
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
Q6
Q6
Q7
Q7
Q8
Q8
VBB
Figure 1. Pinout (Top View) and Logic Diagram
Figure 2. Logic Symbol
MAXIMUM RATINGS (Note 1)
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
PECL Mode Power Supply
VEE = 0 V
8 to 0
V
VEE
NECL Mode Power Supply
VCC = 0 V
–8 to 0
V
VI
PECL Mode Input Voltage
VEE = 0 V
VI  VCC
6 to 0
V
NECL Mode Input Voltage
VCC = 0 V
CC
VI  VEE
–6 to 0
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
–40 to +85
°C
Tstg
Storage Temperature Range
–65 to +150
°C
θJA
Thermal Resistance (Junction to Ambient)
0 LFPM
500 LFPM
28 PLCC
28 PLCC
63.5
43.5
°C/W
°C/W
θJC
Thermal Resistance (Junction to Case)
std bd
28 PLCC
22 to 26
± 5%
°C/W
Tsol
Wave Solder
<2 to 3 sec @ 248
°C
265
°C
1. Maximum Ratings are those values beyond which device damage may occur.


同様の部品番号 - MC100LVE111

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111FN ONSEMI-MC100LVE111FN Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111FNG ONSEMI-MC100LVE111FNG Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111FNG ONSEMI-MC100LVE111FNG Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results

同様の説明 - MC100LVE111

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
Semtech Corporation
SK10LVE111E SEMTECH-SK10LVE111E Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
   Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com