データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF7901BRU データシート(PDF) 10 Page - Analog Devices

部品番号 ADF7901BRU
部品情報  High Performance ISM Band ASK/FSK Transmitter IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF7901BRU データシート(HTML) 10 Page - Analog Devices

Back Button ADF7901BRU Datasheet HTML 4Page - Analog Devices ADF7901BRU Datasheet HTML 5Page - Analog Devices ADF7901BRU Datasheet HTML 6Page - Analog Devices ADF7901BRU Datasheet HTML 7Page - Analog Devices ADF7901BRU Datasheet HTML 8Page - Analog Devices ADF7901BRU Datasheet HTML 9Page - Analog Devices ADF7901BRU Datasheet HTML 10Page - Analog Devices ADF7901BRU Datasheet HTML 11Page - Analog Devices ADF7901BRU Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADF7901
Preliminary Technical Data
Rev. PrD | Page 10 of 12
3pF
8pF
22nH
27nH
5.6pF
DVDD
RFOUT
RSET
3.6k
CREG2
2.2mF
220nF
CVCO
CPOUT
VCOIN
VCOIN
FSK1
FSK2
FSK3
OOK_SEL
TxDATA
CE
9.8304MHz
33pF
33pF
GND
OSC2
OSC1
ANTENNA
ADF7901
PA_EN
RSET_FSK
RSET_OOK
3.6k
3.6k
CREG1
2.2mF
3pF
1.5pF
22nH
36nH
MATCHING 50 V
TO ANTENNA
5TH ORDER LOW PASS FILTER
MATCHING RFOUT TO 50V
NOTES
1. DECOUPLING CAPACITORS HAVE
BEEN OMITTED FOR CLARITY.
Figure 8. Applications Diagram for the ADF7901 in a Remote Control System
LAYOUT GUIDELINES
The layout of the board is crucial to ensuring low levels of
spurious and harmonics.
Decoupling
Decoupling capacitors (high frequency 22 pF, low frequency
100 nF) should be placed as close as possible to the supply pins
on the part. Low size 0402 and 0603 components are recom-
mended for the high frequency rejection on the supply.
Regulator Stability
A minimum of 1 µF is needed on both CREG1 and CREG2 to ensure
stability. An additional 22 pF capacitor can be added to reject
higher frequency noise. Since many of the internal block run off
the regulator it is critical to reduce the noise on this. Low size
0402 and 0603 components are recommended for the high
frequency rejection on the supply.
Grounding
Emphasis should be placed on the grounding once the
decoupling capacitors have been added. The PA stage switches
currents of 15 mA in max power mode. This will cause changes
in the ground resulting in large return currents which can
radiate to other parts of the board. The shortest and least
obstructed ground from RFGND back to the ground of the
battery should be ensured. A 4-layer board will help, as well as
flooding of the top layer. The ground paths should not have any
vias, and should be wide tracks.
Supply
The supply tracks can be routed through vias, as these act as
free inductors on the board and make layout easier on a 2-layer
board. See the Decoupling section. Tracks should be wide.
Digital Lines
Any digital lines should contain a large resistor in series. This
impedance will block signals of many frequencies including
harmonics and the carrier frequency. Long control lines can act
as an antenna. It can be useful to add capacitance to ground.
There will be some capacitance to ground provided by the lines,
and at the input of the digital pins.


同様の部品番号 - ADF7901BRU

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7901BRU AD-ADF7901BRU Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL AD-ADF7901BRU-REEL Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL7 AD-ADF7901BRU-REEL7 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRUZ-RL1 AD-ADF7901BRUZ-RL1 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRUZ-RL71 AD-ADF7901BRUZ-RL71 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results

同様の説明 - ADF7901BRU

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com