データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU-65179P3 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 BU-65179P3
部品情報  MINIATURE ADVANCED COMMUNICATION ENGINE (MINI-ACE) AND MINI-ACE PLUS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

BU-65179P3 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  BU-65179P3 Datasheet HTML 1Page - List of Unclassifed Manufacturers BU-65179P3 Datasheet HTML 2Page - List of Unclassifed Manufacturers BU-65179P3 Datasheet HTML 3Page - List of Unclassifed Manufacturers BU-65179P3 Datasheet HTML 4Page - List of Unclassifed Manufacturers BU-65179P3 Datasheet HTML 5Page - List of Unclassifed Manufacturers BU-65179P3 Datasheet HTML 6Page - List of Unclassifed Manufacturers BU-65179P3 Datasheet HTML 7Page - List of Unclassifed Manufacturers BU-65179P3 Datasheet HTML 8Page - List of Unclassifed Manufacturers BU-65179P3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Data Device Corporation
www.ddc-web.com
BU-65178/65179*/61688*/61689*
K-04/05-0
NOTES
** Note that the Test Output pins on the flat pack are pads located on
the bottom of the package.
1. BU-65179*, A15/A14 pins are actually CLK SEL 1 / CLK SEL 0 respectively.
2. BU-65179*, A12 pin selects the RT_BOOT_L OPTIONAL MODE.
3. BU-65179*, A13 pin has no connection.
35
RTAD4
**
1
MEM/REG
42
D00
2
MSTCLR
43
D02
3
A11
44
D03
4
A10
45
D05
5
TX/RX-A
46
D08
6
A08
47
7
D07
TX/RX-A
48
8
D13
A14, See NOTE 1
49
D12
9
A04
50
D14
10
A03
51
D09
11
A07
52
D11
12
A02
53
D15
13
TX/RX-B
54
D10
14
MEMOE/ADDR_LAT
55
TRANSPARENT/
BUFFERED
15
A00
56
READYD
16
TX/RX-B
57
INT
17
LOGIC GND
58
IOEN
18
LOGIC GND
59
TX_INH_A
19
LOGIC GND
60
TX_INH_B
20
+5V VCC2
61
SELECT
21
RTAD2
62
STRBD
22
A06
63
RD/WR
23
MEMWR/
ZEROWAIT
64
DTGRT/MSB/LSB
24
DTREQ/16/8
65
Test Output (RX-A)
25
Test Output (RX-B)
66
A15, See NOTE 1
26
Test Output (RX-B)
67
Test Output (RX-A)
27
A01
68
A05
28
MEMENA_IN/
TRIGGER_SEL
69
A09
29
DTACK/
POLARITY_SEL
70
A12, See NOTE 2
30
CLOCK_IN
71
A13, See NOTE 3
31
RT_AD_LAT
72
+5V VCC1
32
SSFLAG/EXT_TRIG
**
TestOutput(A_RExt)
33
RTAD0
**
Test Output
(A_Test1)
34
RTAD3
**
Test Output
(AB_Test4)
TestOutput(B_RExt)
36
D06
**
TestOutput
(AB_Tstck)
H8
B4
B5
C2
C3
C1
D2
D1
C4
E3
F2
E1
F3
G1
G4
G3
H1
A7
A8
J8
A9
J7
F1
J2
H5
H3
H4
G2
J5
J6
H6
G7
H2
H7
G8
E8
E4
H9
F9
F7
G5
E7
E9
D7
B2
D9
B9
A2
D8
A1
C9
B8
C8
A3
B7
C7
C6
A6
A5
J1
A4
C5
B6
E2
J4
B3
B1
J3
D4
D5
D6
E6
37
D3
+5V VCC
**
F4
TestOutput
(AB_Test2)
38
F8
D01
**
F5
TestOutput
(AB_Test3)
39
G6
D04
**
F6
TestOutput
(B_Test1)
40
G9
RTADP
N/A
E5
No Connect
41
J9
RTAD1
TABLE 2. BU-65178/65179*/61588/61688*/61689* PIN
LISTINGS (QFP QUAD FLAT PACK, PGA-PIN GRID
ARRAY AND GULL LEAD)
NAME
PGA
QFP
NAME
PGA
QFP


同様の部品番号 - BU-65179P3

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BU-651-0 ETC2-BU-651-0 Datasheet
202Kb / 1P
   Small Safety Alligator Clip, 10 Amps
BU-651-2 ETC2-BU-651-2 Datasheet
202Kb / 1P
   Small Safety Alligator Clip, 10 Amps
More results

同様の説明 - BU-65179P3

メーカー部品番号データシート部品情報
logo
UMC Corporation
UM82450 UMC-UM82450 Datasheet
1Mb / 16P
   Asynchronous Communication Element(ACE)
UM8250B UMC-UM8250B Datasheet
1Mb / 17P
   Asynchronous Communication Element(ACE)
logo
NXP Semiconductors
SAA7348GP PHILIPS-SAA7348GP Datasheet
205Kb / 60P
   All Compact Disc Engine ACE
1997 Jul 11
logo
Sanyo Semicon Device
109P0424H3013 SANYO-109P0424H3013 Datasheet
145Kb / 5P
   San Ace 40
logo
List of Unclassifed Man...
9WS1212H101 ETC2-9WS1212H101 Datasheet
124Kb / 2P
   San Ace 120WS
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
   San Ace 40
109P0412H901 SANYO-109P0412H901 Datasheet
112Kb / 2P
   San Ace 40
logo
SANYO DENKI CO., LTD.
9CT1-001 SANYODENKI-9CT1-001 Datasheet
326Kb / 4P
   San Ace Controller
logo
LIGITEK electronics co....
LG-CU3535HIRR-LSB LIGITEK-LG-CU3535HIRR-LSB Datasheet
514Kb / 15P
   ACE MOUNT LED TAPE AND REEL
logo
A1 PROs co., Ltd.
APC89 A1PROS-APC89 Datasheet
193Kb / 2P
   ACE (Digital WDR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12