データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EQY-3-24 データシート(PDF) 2 Page - Mini-Circuits

部品番号 EQY-3-24
部品情報  Gain Equalizer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EQY-3-24 データシート(HTML) 2 Page - Mini-Circuits

  EQY-3-24 Datasheet HTML 1Page - Mini-Circuits EQY-3-24 Datasheet HTML 2Page - Mini-Circuits EQY-3-24 Datasheet HTML 3Page - Mini-Circuits EQY-3-24 Datasheet HTML 4Page - Mini-Circuits EQY-3-24 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Gain Equalizer
50Ω
3dB
DC to 20 GHz
Microwave
simplified schematic & pad description
Product Features
• 3.1 dB Slope
• Small Package 2 x 2 mm MCLP
• Wide Bandwidth, DC-20 GHz
• Excellent Return Loss, 20 dB typ.
General Description
EQY-3-24+ is an absorptive Gain Equalizer fabricated using highly repetitive GaAs IPD MMIC process
incorporating resistors, capacitors and inductors having negative insertion loss slope. EQY-3-24+ has a
nominal attenuation slope of 3.1 dB and is packaged in tiny 2 x 2 mm, 8-Lead MCLPTM package.
Typical Applications
• Fixed Satellite
• Mobile
• Radio location
• Space research
CASE STYLE: MC1631-1
EQY-3-24+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
RF-IN
RF-OUT
REV. OR
M171292
EQY-3-24+
GY/RS/CP
190103
Function
Pad Number
Description
RF-IN
2
RF-Input pad
RF-OUT
7
RF-Output pad
GND
1,3,6,8 & Paddle
Ground
NC
4,5
No connection, connected to ground externally


同様の部品番号 - EQY-3-24

メーカー部品番号データシート部品情報
logo
Mini-Circuits
EQY-3-24-D MINI-EQY-3-24-D Datasheet
292Kb / 4P
   Gain Equalizer Die
EQY-3-24-D++ MINI-EQY-3-24-D+ Datasheet
292Kb / 4P
   Gain Equalizer Die
More results

同様の説明 - EQY-3-24

メーカー部品番号データシート部品情報
logo
Mini-Circuits
VEQY-1-63 MINI-VEQY-1-63 Datasheet
256Kb / 3P
   Gain Equalizer
EQY-10-24 MINI-EQY-10-24 Datasheet
278Kb / 5P
   Gain Equalizer
VEQY-2-63 MINI-VEQY-2-63 Datasheet
253Kb / 3P
   Gain Equalizer
VEQY-4-63 MINI-VEQY-4-63 Datasheet
254Kb / 3P
   Gain Equalizer
EQY-18-24++ MINI-EQY-18-24+ Datasheet
478Kb / 5P
   Gain Equalizer
REV. A
EQY-6-24 MINI-EQY-6-24 Datasheet
278Kb / 5P
   Gain Equalizer
EQY-8-24 MINI-EQY-8-24 Datasheet
278Kb / 5P
   Gain Equalizer
VEQY-6-63 MINI-VEQY-6-63 Datasheet
252Kb / 3P
   Gain Equalizer
VEQY-3-63 MINI-VEQY-3-63 Datasheet
255Kb / 3P
   Gain Equalizer
VEQY-8-63 MINI-VEQY-8-63 Datasheet
254Kb / 3P
   Gain Equalizer
EQY-2-24 MINI-EQY-2-24 Datasheet
278Kb / 5P
   Gain Equalizer
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com