データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FT21B105M160CT データシート(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

部品番号 FT21B105M160CT
部品情報  High density mounting due to mounting space saving
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ホームページ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

FT21B105M160CT データシート(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  FT21B105M160CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION FT21B105M160CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION FT21B105M160CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION FT21B105M160CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION FT21B105M160CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION FT21B105M160CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION FT21B105M160CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION FT21B105M160CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 3 of 8
ASC_Feed_Through_FT_026A_AS
Apr. 2019
5. EXTERNAL DIMENSIONS
Brand
L (mm)
W (mm)
T (mm)/Symbol
e (mm)
g (mm)
i (mm)
j(mm)
0805
2.00±0.20
1.25±0.10
0.85±0.10
T
0.30±0.20
0.40±0.20
0.60±0.20
0.25±0.20
Reflow soldering process only.
6. Rated value
a)Equivalent Circuit
WTC PART NO.
Nominal
Nominal
Nominal
Nominal
Capacitance
Capacitance
Capacitance
Capacitance
Capacitance
Capacitance
Capacitance
Capacitance
Tolerance
Tolerance
Tolerance
Tolerance
DC Rated
DC Rated
DC Rated
DC Rated
Voltage
Voltage
Voltage
Voltage
Rated
Rated
Rated
Rated Current
Current
Current
Current
(mA)
(mA)
(mA)
(mA)
DC
DC
DC
DC Resistanc
Resistanc
Resistanc
Resistanceeee
Insulation
Insulation
Insulation
Insulation
Resistance
Resistance
Resistance
Resistance
Operating Temp. Range
Operating Temp. Range
Operating Temp. Range
Operating Temp. Range
FT21B103M500
10 nF
±20%
DC50 V
2A(DC)
0.03Ωmax
1000MΩmin
-55 to 125
°C
FT21B223M500
22 nF
±20%
DC50 V
2A(DC)
0.03Ωmax
1000MΩmin
-55 to 125
°C
FT21B473M500
47 nF
±20%
DC50 V
2A(DC)
0.03Ωmax
1000MΩmin
-55 to 125
°C
FT21B104M250
0.1 uF
±20%
DC25 V
2A(DC)
0.03Ωmax
1000MΩmin
-55 to 125
°C
FT21B224M160
0.22 uF
±20%
DC16 V
2A(DC)
0.03Ωmax
1000MΩmin
-55 to 125
°C
FT21B474M160
0.47 uF
±20%
DC16 V
2A(DC)
0.03Ωmax
1000MΩmin
-55 to 125
°C
FT21B105M160
1 uF
±20%
DC16 V
4A(DC)
0.02
Ωmax
500M
Ωmax
-55 to 125
°C
* Measured at the condition of 30~70% related humidity.
X7R/X6S/X5R/X7S: Please refer to page 5 “Reliability test conditions and requirements” for detail.
** Preconditioning for Class II MLCC: Perform a heat treatment at 150±10°C for 1 hour and then leave i n ambient condition for 48±2
hours before measurement.
Fig. 1 The outline of MLCC


同様の部品番号 - FT21B105M160CT

メーカー部品番号データシート部品情報
logo
Fangtek Ltd.
FT2128 FANGTEK-FT2128 Datasheet
1Mb / 23P
   3.4W Class-D Audio Power Amplifier with Dual Modes of Automatic Level Control
ft2128M FANGTEK-ft2128M Datasheet
1Mb / 23P
   3.4W Class-D Audio Power Amplifier with Dual Modes of Automatic Level Control
ft2128P FANGTEK-ft2128P Datasheet
1Mb / 23P
   3.4W Class-D Audio Power Amplifier with Dual Modes of Automatic Level Control
logo
Fronter Electronics Co....
FT21M07A FRONTER-FT21M07A Datasheet
122Kb / 1P
   UM-1, UM-5 DIP TYPE
FT21M07B FRONTER-FT21M07B Datasheet
119Kb / 1P
   UM-1, UM-5 DIP TYPE 4POLES
More results

同様の説明 - FT21B105M160CT

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1619-1 ETC2-1619-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
MERITEK ELECTRONICS COR...
SREJ MERITEK-SREJ Datasheet
745Kb / 4P
   For high density mounting
SREL MERITEK-SREL Datasheet
768Kb / 4P
   For high density mounting
SREM MERITEK-SREM Datasheet
751Kb / 4P
   For high density mounting
logo
Tyco Electronics
2IOM MACOM-2IOM Datasheet
258Kb / 5P
   Space Saving Mounting Boards for Slim Line Input/Output Modules
logo
TE Connectivity Ltd
2IOM TEC-2IOM Datasheet
258Kb / 5P
   Space Saving Mounting Boards for Slim Line Input/Output Modules
logo
Omron Electronics LLC
B3FS-1005 OMRON-B3FS-1005 Datasheet
282Kb / 4P
   Surface-mounting Switches Ideal for High-density Mounting
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
   High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com