データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT15G100J500CT データシート(PDF) 9 Page - WALSIN TECHNOLOGY CORPORATION

部品番号 HT15G100J500CT
部品情報  Halogen Free & RoHS Compliance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ホームページ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

HT15G100J500CT データシート(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

Back Button HT15G100J500CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION HT15G100J500CT Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 9 of 11
ASC_High Temperature Cap_(HT)_026B_AS
Dec. 2018
APPENDIXES
◙ Tape & reel dimensions
Size
0402
0603
0805
1206
1210
Thickness
N,E
S,H,X
A,H
B,T
D,I
B,T
C,J,D
G,P
T
C,D,G,K
M
A0
0.70
+/-0.20
1.05
+/-0.30
1.50
+/-0.20
1.50
+/-0.20
< 1.80
1.90
+/-0.50
< 2.00
<2.30
< 3.05
< 3.05
< 3.20
B0
1.20
+/-0.20
1.80
+/-0.30
2.30
+/-0.20
2.30
+/-0.20
< 2.70
3.50
+/-0.50
< 3.70
< 4.00
< 3.80
< 3.80
<4.00
T
0.80
1.20
1.15
1.20
0.23
+/-0.1
1.20
0.23
+/-0.1
0.23
+/-0.1
0.23
+/-0.1
0.23
+/-0.1
0.23
+/-0.1
K0
-
-
-
-
< 2.50
-
< 2.50
< 2.50
< 1.50
< 2.50
< 3.20
W
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
P0
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
10xP0
40.00
+/-0.10
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
P1
2.00
+/-0.05
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
P2
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
D0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
D1
-
-
-
-
1.00
+/-0.10
-
1.00
+/-0.10
1.00
+/-0.10
1.00
+/-0.10
1.00
+/-0.10
1.00
+/-0.10
E
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
F
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
Fig. 3 The dimension of plastic tape
Fig. 2 The dimension of paper tape
Fig. 4 The dimension of reel
Size
0402, 0603, 0805, 1206, 1210
Reel size
7”
10”
13”
C
13.0+0.5/-0.2
13.0+0.5/-0.2
13.0+0.5/-0.2
W1
8.4+1.5/-0
8.4+1.5/-0
8.4+1.5/-0
A
178.0±1.0
250.0±1.0
330.0±1.0
N
60.0+1.0/-0
100.0±1.0
100±1.0


同様の部品番号 - HT15G100J500CT

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
HT15G TSC-HT15G Datasheet
64Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HT15G TSC-HT15G Datasheet
268Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HT15G TSC-HT15G Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HT15G-K TSC-HT15G-K Datasheet
421Kb / 7P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifier
More results

同様の説明 - HT15G100J500CT

メーカー部品番号データシート部品情報
logo
WALSIN TECHNOLOGY CORPO...
2220B104K500CT WALSIN-2220B104K500CT Datasheet
1Mb / 10P
   Halogen Free & RoHS Compliance
logo
Shanghai Leiditech Elec...
BMRA00040412 LEIDITECH-BMRA00040412 Datasheet
4Mb / 24P
   RoHS, Halogen Free and REACH Compliance
logo
Sumida Corporation
CDRH26D11 SUMIDA-CDRH26D11_10 Datasheet
202Kb / 2P
   Magnetically shielded RoHS and Halogen-Free Compliance
CDR910 SUMIDA-CDR910_10 Datasheet
477Kb / 2P
   SMD Power Inductor RoHS and Halogen-Free Compliance
CDH23D09 SUMIDA-CDH23D09_10 Datasheet
350Kb / 3P
   RoHS Compliance & Halogen Free Currently lowest profile inductor Height1.0mm Max
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com