データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT18N102J500CT データシート(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

部品番号 MT18N102J500CT
部品情報  A wide selection of sizes is available
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ホームページ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MT18N102J500CT データシート(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MT18N102J500CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 8 of 27
ASC_ Automotive Cap_(MT)_022N_DS
Mar. 2019
X7R Dielectric
DIELECTRIC
X7R
SIZE
0201
0402
0603
RATED VOLTAGE
10
16
25
50
10
16
25
50
10
16
25
50
100
100pF (101)
L
L
L
L
N
N
N
N
S
S
S
S
S
120pF (121)
L
L
L
L
N
N
N
N
S
S
S
S
S
150pF (151)
L
L
L
L
N
N
N
N
S
S
S
S
S
180pF (181)
L
L
L
L
N
N
N
N
S
S
S
S
S
220pF (221)
L
L
L
L
N
N
N
N
S
S
S
S
S
270pF (271)
L
L
L
L
N
N
N
N
S
S
S
S
S
330pF (331)
L
L
L
L
N
N
N
N
S
S
S
S
S
390pF (391)
L
L
L
L
N
N
N
N
S
S
S
S
S
470pF (471)
L
L
L
L
N
N
N
N
S
S
S
S
S
560pF (561)
L
L
L
L
N
N
N
N
S
S
S
S
S
680pF (681)
L
L
L
L
N
N
N
N
S
S
S
S
S
820pF (821)
L
L
L
L
N
N
N
N
S
S
S
S
S
1,000pF (102)
L
L
L
L
N
N
N
N
S
S
S
S
S
1,200pF (122)
L
L
L
N
N
N
N
S
S
S
S
S
1,500pF (152)
L
L
L
N
N
N
N
S
S
S
S
S
1,800pF (182)
L
L
L
N
N
N
N
S
S
S
S
S
2,200pF (222)
L
L
L
N
N
N
N
S
S
S
S
S
2,700pF (272)
L
L
L
N
N
N
N
S
S
S
S
S
3,300pF (332)
L
L
L
N
N
N
N
S
S
S
S
S
3,900pF (392)
L
L
L
N
N
N
N
S
S
S
S
S
4,700pF (472)
L
L
L
N
N
N
N
S
S
S
S
S
5,600pF (562)
L
L
L
N
N
N
N
S
S
S
S
S
6,800pF (682)
L
N
N
N
N
S
S
S
S
S
8,200pF (822)
L
N
N
N
N
S
S
S
S
S
0.010
µF (103)
L
N
N
N
N
S
S
S
S
S
0.012
µF (123)
N
N
N
S
S
S
S
X
0.015
µF (153)
N
N
N
S
S
S
S
X
0.018
µF (183)
N
N
N
S
S
S
S
X
0.022
µF (223)
N
N
N
S
S
S
S
X
0.027
µF (273)
N
N
N
S
S
S
S
0.033
µF (333)
N
N
N
S
S
S
X
0.039
µF (393)
N
N
N
S
S
S
X
0.047
µF (473)
N
N
N
S
S
S
X
0.056
µF (563)
N
N
S
S
S
X
0.068
µF (683)
N
N
S
S
S
X
0.082
µF (823)
N
N
S
S
S
X
0.10
µF (104)
N
N
S
S
S
X
0.12
µF (124)
X
X
X
0.15
µF (154)
X
X
X
0.18
µF (184)
X
X
X
0.22
µF (224)
X
X
X
0.27
µF (274)
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.


同様の部品番号 - MT18N102J500CT

メーカー部品番号データシート部品情報
logo
Sumida Corporation
MT1812 SUMIDA-MT1812 Datasheet
96Kb / 1P
   MODEM Transformer
logo
Micron Technology
MT18HTF12872 MICRON-MT18HTF12872 Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT18HTF25672 MICRON-MT18HTF25672 Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT18HTF6472 MICRON-MT18HTF6472 Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
More results

同様の説明 - MT18N102J500CT

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
   A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
   A wide range of marker sizes and colors are available for custom designs
logo
NIC-Components Corp.
NCD331K1KVY5F NIC-NCD331K1KVY5F Datasheet
130Kb / 4P
   WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
NCD332M1KVZ5UTRF NIC-NCD332M1KVZ5UTRF Datasheet
130Kb / 4P
   WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
logo
List of Unclassifed Man...
AT401 ETC2-AT401 Datasheet
84Kb / 1P
   Wide Selection of Panel Seal Boots
logo
Pulse A Technitrol Comp...
P0354 PULSE-P0354 Datasheet
782Kb / 2P
   Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
logo
Omron Electronics LLC
G3VM-VF OMRON-G3VM-VF Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
logo
Murata Manufacturing Co...
CSTCC2M00G56A-R0 MURATA-CSTCC2M00G56A-R0 Datasheet
185Kb / 3P
   the series is available in a wide frequency range
logo
AVX Corporation
008289010006113 AVX-008289010006113 Datasheet
54Kb / 2P
   Available in industry standard sizes of 10-64 positions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com