データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RFLPF3225200Q5T データシート(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

部品番号 RFLPF3225200Q5T
部品情報  5 ~ 1002 MHz RF Application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ホームページ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFLPF3225200Q5T データシート(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  RFLPF3225200Q5T Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFLPF3225200Q5T Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFLPF3225200Q5T Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFLPF3225200Q5T Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFLPF3225200Q5T Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFLPF3225200Q5T Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFLPF3225200Q5T Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Approval sheet
Page 5 of 7
ASC_RFLPF3225200Q5T_V02
Jul. 2018
Temperature cycle
JIS C 0025
1.
30
3 minutes at -40C3C,
2.
10~15 minutes at room temperature,
3.
30
3 minutes at +85C3C,
4.
10~15 minutes at room temperature,
Total 100 continuous cycles
Measurement to be made after keeping at
room temperature for 24
2 hrs
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics
under the operational temperature range
within -40 ~ 85°C.
High temperature
JIS C 0021
*Temperature:85
C2C
*Test duration:1000+24/-0 hours
Measurement to be made after keeping at
room temperature for 24
2 hrs
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -40
~ 85°C.
Humidity
(steady conditions)
JIS C 0022
*Humidity:90% to 95% R.H.
*Temperature:40
2C
*Time:1000+24/-0 hrs.
Measurement to be made after keeping at
room temperature for 24
2 hrs
※ 500hrs measuring the first data then
1000hrs data
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -40
~ 85°C.
Low temperature
JIS C 0020
*Temperature:-40
C2C
*Test duration:1000+24/-0 hours
Measurement to be made after keeping at
room temperature for 24
2 hrs
No mechanical damage.
Electrical specification shall satisfy the
descriptions in electrical characteristics under
the operational temperature range within -40
~ 85°C.


同様の部品番号 - RFLPF3225200Q5T

メーカー部品番号データシート部品情報
logo
WALSIN TECHNOLOGY CORPO...
RFLPF3225100Q07B1U WALSIN-RFLPF3225100Q07B1U Datasheet
609Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q0T WALSIN-RFLPF3225100Q0T Datasheet
561Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q2T WALSIN-RFLPF3225100Q2T Datasheet
645Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q7T WALSIN-RFLPF3225100Q7T Datasheet
588Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225101Q07B1U WALSIN-RFLPF3225101Q07B1U Datasheet
609Kb / 7P
   5 ~ 1002 MHz RF Application
More results

同様の説明 - RFLPF3225200Q5T

メーカー部品番号データシート部品情報
logo
WALSIN TECHNOLOGY CORPO...
RFLPF3225100Q07B1U WALSIN-RFLPF3225100Q07B1U Datasheet
609Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q7T WALSIN-RFLPF3225100Q7T Datasheet
588Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q2T WALSIN-RFLPF3225100Q2T Datasheet
645Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q0T WALSIN-RFLPF3225100Q0T Datasheet
561Kb / 7P
   5 ~ 1002 MHz RF Application
logo
Pulse A Technitrol Comp...
CX5060 PULSE-CX5060 Datasheet
485Kb / 1P
   FILTER, 5-1002 MHz
C6132NL PULSE-C6132NL Datasheet
56Kb / 2P
   Diplexer 5-1002/1125-1525 MHz
C6329NL PULSE-C6329NL Datasheet
95Kb / 2P
   Diplexer 5-42/88-1002 MHz
logo
M/A-COM Technology Solu...
MAFL-008290-CD0AC0 MA-COM-MAFL-008290-CD0AC0 Datasheet
72Kb / 3P
   CATV Diplex Filter 5 - 1002 / 1125 - 1550 MHz
logo
Pulse A Technitrol Comp...
CX6187NL PULSE-CX6187NL Datasheet
422Kb / 2P
   Diplexer 8-14/46-1002 MHz
logo
M/A-COM Technology Solu...
AN-4005 MA-COM-AN-4005 Datasheet
4Mb / 2P
   MAFL-009272 Improved rejection circuit 5 - 1002 / 1125 - 1550 MHz
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com